전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3375 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 AN3375
상세설명  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 29Page - STMicroelectronics AN3375 Datasheet HTML 30Page - STMicroelectronics AN3375 Datasheet HTML 31Page - STMicroelectronics AN3375 Datasheet HTML 32Page - STMicroelectronics AN3375 Datasheet HTML 33Page - STMicroelectronics AN3375 Datasheet HTML 34Page - STMicroelectronics AN3375 Datasheet HTML 35Page - STMicroelectronics AN3375 Datasheet HTML 36Page - STMicroelectronics AN3375 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
AN3375
ISO15693 library (intermediate layer)
Doc ID 018637 Rev 1
33/73
3.4.14
ISO15693_LockDSFID function
This function sends a LockDSFID command to the contactless tag.
3.4.15
ISO15693_GetMultipleBlockSecutityStatus function
This function sends a GetMultipleBlockSecutityStatus command to the contactless tag.
Table 37.
ISO15693_LockDSFID function description
Function description
Prototype
result = int8_t ISO15693_LockDSFID (uc8
Flags, uc8 *UIDin, uc8 AppendCRC,uc8
*CRC16,uint8_t *pResponse);
Input parameter
Flags: request flags
UIDin: pointer to contactless tag UID
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
RESULTOK: CR95HF returns a succeeded code
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
Table 38.
ISO15693_GetMultipleBlockSecutityStatus function description
Function description
Prototype
result = int8_t
ISO15693_GetMultipleBlockSecutityStatus
(uc8 Flags, uc8 *UIDin, uc8 BlockNumber,
uc8 NbBlocks,uc8 AppendCRC, uc8
*CRC16,uint8_t *pResponse);
Input parameter
Flags: request flags
UIDin: pointer to contactless tag UID
BlockNumber: block index
NbBlocks: number of block
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
RESULTOK: CR95HF returns a succeeded code
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73