전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3375 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 AN3375
상세설명  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 55Page - STMicroelectronics AN3375 Datasheet HTML 56Page - STMicroelectronics AN3375 Datasheet HTML 57Page - STMicroelectronics AN3375 Datasheet HTML 58Page - STMicroelectronics AN3375 Datasheet HTML 59Page - STMicroelectronics AN3375 Datasheet HTML 60Page - STMicroelectronics AN3375 Datasheet HTML 61Page - STMicroelectronics AN3375 Datasheet HTML 62Page - STMicroelectronics AN3375 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
AN3375
M24LRXX-R Layer
Doc ID 018637 Rev 1
59/73
4.3
M24LRXX-R global functions
4.3.1
M24LRXX_ReadSingleBlock function
This function sends a read single block command to a contactless tag. The protocol
extension of the request flags is forced to ‘1’.
4.3.2
M24LRXX_WriteSingleBlock function
This function sends a Write single block command to a contactless tag. The protocol
extension of the request flags is forced to ‘1’.
Table 90.
M24LRXX_ReadSingleBlock function description
Function description
Prototype
result = int8_t M24LRXX_ReadSingleBlock
(uc8 Flags, uc8 *UID, uc8 *BlockNumber, uc8
AppendCRC, uc8 *CRC16,uint8_t *pResponse );
Input parameter
Flags: request flags
UID: pointer to contactless tag UID
BlockNumber: pointer to block index
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
RESULTOK: CR95HF returns a succeeded code
ERRORCODE_GENERIC: a parameter value is erroneous or
CR95HF returns an error code
Table 91.
M24LRXX_WriteSingleBlock function description
Function description
Protocol
result = int8_t M24LRXX_WriteSingleBlock
(uc8 Flags, uc8 *UIDin, uc8 *BlockNumber,
uc8 BlockLength,uc8 *DataToWrite,uc8
AppendCRC, uc8 *CRC16,uint8_t *pResponse );
Input parameter
Flags: request flags
UIDin: pointer to contactless tag UID
BlockNumber: pointer to block index
BlockLength: number of byte of a block
DataToWrite: pointer to data to write into contactless tag
memory
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
ERRORCODE_GENERIC: a parameter value is erroneous or
CR95HF returns an error code
RESULTOK: CR95HF returns a succeeded code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73