전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3375 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 AN3375
상세설명  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 60Page - STMicroelectronics AN3375 Datasheet HTML 61Page - STMicroelectronics AN3375 Datasheet HTML 62Page - STMicroelectronics AN3375 Datasheet HTML 63Page - STMicroelectronics AN3375 Datasheet HTML 64Page - STMicroelectronics AN3375 Datasheet HTML 65Page - STMicroelectronics AN3375 Datasheet HTML 66Page - STMicroelectronics AN3375 Datasheet HTML 67Page - STMicroelectronics AN3375 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
M24LRXX-R Layer
AN3375
64/73
Doc ID 018637 Rev 1
4.4.7
M24LRXX_FastInitiate function
This function sends a Fast Initiate command to a contactless tag. It is specific to M24LRXX-
R devices.
4.4.8
M24LRXX_InventoryInitiated function
This function sends a Inventory Initiated command to a contactless tag. It is specific to
M24LRXX-R devices.
Table 100.
M24LRXX_FastInitiate function description
Function description
Protocol
result = int8_t M24LRXX_FastInitiate
(uc8 Flags,uc8 AppendCRC, uc8
*CRC16,uint8_t *pResponse );
Input parameter
Flags: request flags
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
RESULTOK: CR95HF returns a succeeded code
Table 101.
M24LRXX_InventoryInitiated function description
Function description
Protocol
result = int8_t
M24LRXX_InventoryInitiated (uc8 Flags,
uc8 AFIin, uc8 MaskLength,uc8 *Mask,uc8
AppendCRC, uc8 *CRC16,uint8_t
*pResponse );
Input parameter
Flags: request flags
AFI: AFI word
MaskLength: number of bits of the mask
MaskValue: mask
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
RESULTOK: CR95HF returns a succeeded code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73