전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3375 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN3375
상세설명  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 7Page - STMicroelectronics AN3375 Datasheet HTML 8Page - STMicroelectronics AN3375 Datasheet HTML 9Page - STMicroelectronics AN3375 Datasheet HTML 10Page - STMicroelectronics AN3375 Datasheet HTML 11Page - STMicroelectronics AN3375 Datasheet HTML 12Page - STMicroelectronics AN3375 Datasheet HTML 13Page - STMicroelectronics AN3375 Datasheet HTML 14Page - STMicroelectronics AN3375 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
AN3375
CR95HF low level layer
Doc ID 018637 Rev 1
11/73
2
CR95HF low level layer
This library is composed of:
●
The lib_CR95HF.c source file
●
The lib_CR95HF.h include file
2.1
Types
The CR95HF library functions use the following ANSI C compliant types:
typedef
unsigned char
uint8_t;
typedef
signed char
int8_t;
typedef
const uint8_t
uc8;
typedef
signed short int
int16_t;
2.2
Low layer overview
The layer supports all the commands defined in the CR95HF datasheet. Each CR95HF
command corresponds to a specific function. As an example the function calling the ECHO
command is int8_t CR95HF_Echo (uint8_t *pResponse).
Additional functions are described in Table 2: CR95HF library additional function.
Application developers can use the functions described in Table 1: CR95HF library functions
based on CR95HF commands to create their own higher level functions.
Refer to the CR95HF datasheet for more details on the commands.
2.3
CR95HF layer functions
.
Table 1.
CR95HF library functions based on CR95HF commands
Function name
Brief description
CR95HF_IDN
Send Idn command
CR95HF_Echo
Send EchoCode command
CR95HF_ProtocolSelect
Send Protocol Select command
CR95HF_SendRecv
Send SendRecv command
CR95HF_Idle
Send Idle command
CR95HF_RdReg
Send RdReg command
CR95HF_BaudRate
Send BaudRate command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73