전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0044 데이터시트(PDF) 84 Page - STMicroelectronics

부품명 PM0044
상세설명  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 데이터시트(HTML) 84 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 80Page - STMicroelectronics PM0044 Datasheet HTML 81Page - STMicroelectronics PM0044 Datasheet HTML 82Page - STMicroelectronics PM0044 Datasheet HTML 83Page - STMicroelectronics PM0044 Datasheet HTML 84Page - STMicroelectronics PM0044 Datasheet HTML 85Page - STMicroelectronics PM0044 Datasheet HTML 86Page - STMicroelectronics PM0044 Datasheet HTML 87Page - STMicroelectronics PM0044 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 162 page
background image
STM8 instruction set
PM0044
84/162
Doc ID 13590 Rev 3
Syntax
BRES dst,#pos
pos = [0..7]
e.g. BRES PADR,#6
Operation
dst <= dst AND COMPLEMENT (2**pos)
Description
Read the destination byte, reset the corresponding bit (bit position), and
write the result in destination byte. The destination is a memory byte. The
bit position is a constant. This instruction is fast, compact, and does not
affect any register. Very useful for boolean variable manipulation.
Instruction overview
Detailed description
See also: BSET
BRES
Bit Reset
BRES
mnem
dst
bit position
Affected condition flags
VI1
H
I0
N
Z
C
BRES
Mem
#pos
-
---
---
dst
pos = 0..7
Asm
cy
lgth
Op-code(s)
ST7
longmem
n=1+2*pos
BRES $1000,#7
1
4
72
1n
MS
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More