전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0044 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 PM0044
상세설명  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 16Page - STMicroelectronics PM0044 Datasheet HTML 17Page - STMicroelectronics PM0044 Datasheet HTML 18Page - STMicroelectronics PM0044 Datasheet HTML 19Page - STMicroelectronics PM0044 Datasheet HTML 20Page - STMicroelectronics PM0044 Datasheet HTML 21Page - STMicroelectronics PM0044 Datasheet HTML 22Page - STMicroelectronics PM0044 Datasheet HTML 23Page - STMicroelectronics PM0044 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 162 page
background image
Pipelined execution
PM0044
20/162
Doc ID 13590 Rev 3
5
Pipelined execution
The STM8 family uses a 3-stage pipeline to increase the speed of the flow of instructions
sent to the processor. Pipelined execution allows several operations to be performed
simultaneously, rather than serially:
●
Fetch
●
Decode and address
●
Execute
The Program Counter (PC) points always to the instruction in decode stage as shown in
Figure 5.
Figure 5.
Pipelined execution principle
5.1
Description of pipelined execution stages
Figure 6 and Section 5.1.1, Section 5.1.2, and Section 5.1.3 provide a detailed description
of each stage of the pipeline execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More