전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0044 데이터시트(PDF) 85 Page - STMicroelectronics

부품명 PM0044
상세설명  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 데이터시트(HTML) 85 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 81Page - STMicroelectronics PM0044 Datasheet HTML 82Page - STMicroelectronics PM0044 Datasheet HTML 83Page - STMicroelectronics PM0044 Datasheet HTML 84Page - STMicroelectronics PM0044 Datasheet HTML 85Page - STMicroelectronics PM0044 Datasheet HTML 86Page - STMicroelectronics PM0044 Datasheet HTML 87Page - STMicroelectronics PM0044 Datasheet HTML 88Page - STMicroelectronics PM0044 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 162 page
background image
PM0044
STM8 instruction set
Doc ID 13590 Rev 3
85/162
Syntax
BSET dst,#pos
pos = [0..7]
e.g. BSET PADR,#7
Operation
dst <= dst OR (2**pos)
Description
Read the destination byte, set the corresponding bit (bit position), and write
the result in destination byte. The destination is a memory byte. The bit
position is a constant. This instruction is fast, compact, and does not affect
any register. Very useful for boolean variable manipulation.
Instruction overview
Detailed description
See also: BRES
BSET
Bit Set
BSET
mnem
dst
bit position
Affected condition flags
VI1
H
I0
N
Z
C
BSET
Mem
#pos
-------
dst
pos = 0..7
Asm
cy
lgth
Op-code(s)
ST7
longmem
n=2*pos
BSET $1000,#1
1
4
72
1n
MS
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More