| 전자부품 데이터시트 검색엔진 |
|
PM0044 데이터시트(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0044 데이터시트(HTML) 96 Page - STMicroelectronics |
|
96 / 162 page ![]() STM8 instruction set PM0044 96/162 Doc ID 13590 Rev 3 CPW detailed description (Continued) Note: CPW Y, (shortoff, SP) is not implemented, but can be emulated through a macro using EXGW X,Y & CPW X, (shortoff, SP) See also: CP, TNZW, BCP dst src Asm cy lgth Op-code(s) ST7 Y #word CPW Y,#$10 2 4 90 A3 MS LS ✗ Y shortmem CPW Y,$10 2 3 90 B3 XX ✗ Y longmem CPW Y,$1000 2 4 90 C3 MS LS ✗ Y(X) CPW Y,(X) 2 1 F3 ✗ Y (shortoff,X) CPW Y,($10,X) 2 2 E3 XX ✗ Y (longoff,X) CPW Y,($1000,X) 2 3 D3 MS LS ✗ Y [shortptr.w] CPW Y,[$10.w] 5 3 91 C3 XX ✗ Y ([shortptr.w],X) CPW Y,([$10.w],X) 5 3 92 D3 XX ✗ Y ([longptr.w],X) CPW Y,([$1000.w],X) 5 4 72 D3 MS LS |