전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3985 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 AN3985
상세설명  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 55Page - STMicroelectronics AN3985 Datasheet HTML 56Page - STMicroelectronics AN3985 Datasheet HTML 57Page - STMicroelectronics AN3985 Datasheet HTML 58Page - STMicroelectronics AN3985 Datasheet HTML 59Page - STMicroelectronics AN3985 Datasheet HTML 60Page - STMicroelectronics AN3985 Datasheet HTML 61Page - STMicroelectronics AN3985 Datasheet HTML 62Page - STMicroelectronics AN3985 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 105 page
background image
AN3985
ISO/IEC 15693 layer
Doc ID 022255 Rev 2
59/105
ISO15693_Retrieve_UID function
The function fills the Tag structure with the UID.
ISO15693_Retrieve_ICRef function
The function fills the Tag structure with the ICRef using the UID (only available for tag
manufactured by STMicroelectronics).
Table 104.
ISO15693_Retrieve_UID function description
Prototype
void ISO15693_Retrieve_UID(ISO15693_Tag*
MyTag,CR95HF_ResponseReceiving Response, u8*
Cursor_in_response_data);
Input parameter
Response: the response containing the data
Output parameter
MyTag: pointer on the structure to complete
Cursor_in_response_data: actual position of the cursor into data and to increment
Return parameter
None
Table 105.
ISO15693_Retrieve_ICRef function
Prototype
void ISO15693_Retrieve_ICRef(ISO15693_Tag* MyTag);
Input parameter
None
Output parameter
MyTag: pointer on the structure to complete
Return parameter
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More