| 전자부품 데이터시트 검색엔진 |
|
AN3985 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3985 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 105 page ![]() ISO/IEC 15693 layer AN3985 34/105 Doc ID 022255 Rev 2 Table 45. Functions to assemble ISO/IEC 15693 command Function name Brief description ISO15693_Add_UID_to_command Adds UID into the command's data. ISO15693_Add_Mask_to_command Adds mask field to command. ISO15693_Add_Request_Flags_Command_code _to_command Adds Request flags to command. ISO15693_Is_ResponseFlags_noError_Detec ted Checks if the response flag is set or not. ISO15693_Is_Request_Flags_ok Checks the request flag is correct. ISO15693_Is_Collision_Flag_Set Checks if the check collision flag added by the CR95HF is set. ISO15693_IsCRC_Flag_Set Checks if the check CRC16 flag added by the CR95HF is set. ISO15693_IsCorrectCRC16_Check Checks if the check CRC16 flag added by the CR95HF is set. ISO15693_Is_TagConstructor_STM Checks if the tag has been made by STMicroelectronics. ISO15693_Is_Memory_programming_function Returns if the command performs a memory programming. ISO15693_Is_DSFID_Present_Infoflag Returns if the DSFID is present. ISO15693_Is_AFI_Present_Infoflag Returns if the AFI is present. ISO15693_Is_MemSize_Present_Infoflag Returns if the Memsize is present. ISO15693_Is_ICRef_Present_Infoflag Returns if the ICREF is present. |