전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3985 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 AN3985
상세설명  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 58Page - STMicroelectronics AN3985 Datasheet HTML 59Page - STMicroelectronics AN3985 Datasheet HTML 60Page - STMicroelectronics AN3985 Datasheet HTML 61Page - STMicroelectronics AN3985 Datasheet HTML 62Page - STMicroelectronics AN3985 Datasheet HTML 63Page - STMicroelectronics AN3985 Datasheet HTML 64Page - STMicroelectronics AN3985 Datasheet HTML 65Page - STMicroelectronics AN3985 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 105 page
background image
LRIxK layer
AN3985
62/105
Doc ID 022255 Rev 2
The datarate and contactless tag response format are also defined in the request flag byte
of each command. The user application must ensure that the datarate and subcarrier flags
match the CR95HF_ProtocolSelect function parameters. This check is performed by the
ISO/IEC 15693 layer functions. If the parameters do not match, the functions are not
executed and the corresponding commands are not sent to the CR95HF.
6.3
LRIxK layer commands
LRIxK devices are compliant with ISO/IEC 15693 specification. Thus the LRIxK functions
call the ISO/IEC 15693 functions. Furthermore the LRIxK functions carry out some
additional check and modifies some parameter as defined in the LRIxK datasheet.
The table below shows the relationship between LRIxK and ISO/IEC 15693 layers. The
"function name" column presents the LRIxK functions.
The next column gives the functions called in the ISO15593 layer. If the function does not
exist in the ISO/IEC 15693 layer, the cell is empty.
Table 107.
LRIxK layer commands description
Function name
New or equivalent function
Brief description
LRIxK_Inventory
ISO15693_Inventory
LRIxK_Stay_Quiet
ISO15693_Stay_Quiet
LRIxK_Read_Single_Block
ISO15693_Read_Single_Block
LRIxK_Write_Single_Block
ISO15693_Write_Single_Block
LRIxK_Lock_Block
ISO15693_Lock_Block
LRIxK_Read_Multiple_Block
ISO15693_Read_Multiple_Block
LRIxK_Select
ISO15693_Select
LRIxK_Reset_to_Ready
ISO15693_Reset_to_Ready
LRIxK_Write_AFI
ISO15693_Write_AFI
LRIxK_Lock_AFI
ISO15693_Lock_AFI
LRIxK_Write_DSFID
ISO15693_Write_DSFID
LRIxK_Lock_DSFID
ISO15693_Lock_DSFID
LRIxK_Get_System_Info
ISO15693_Get_System_Info
LRIxK_Get_Multiple_Block_
Security_Status
ISO15693_Get_Multiple_Block_
Security_Status
LRIxK_Kill
Sends a kill command.
LRIxK_Write_Kill
Sends a Write Kill password.
LRIxK_Lock_Kill
Sends a lock Kill password.
LRIxK_Inventory_Initiated
Sends an Inventory Initiated
command.
LRIxK_Initiate
Sends an Initiate command.
LRIxK_Fast_Read_Single_Block
Sends an Fast Read Single Block
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More