전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3985 데이터시트(PDF) 98 Page - STMicroelectronics

부품명 AN3985
상세설명  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 데이터시트(HTML) 98 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 94Page - STMicroelectronics AN3985 Datasheet HTML 95Page - STMicroelectronics AN3985 Datasheet HTML 96Page - STMicroelectronics AN3985 Datasheet HTML 97Page - STMicroelectronics AN3985 Datasheet HTML 98Page - STMicroelectronics AN3985 Datasheet HTML 99Page - STMicroelectronics AN3985 Datasheet HTML 100Page - STMicroelectronics AN3985 Datasheet HTML 101Page - STMicroelectronics AN3985 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 105 page
background image
Application example
AN3985
98/105
Doc ID 022255 Rev 2
8.4.2
Compilation / Debug
In order to compile and debug the project, there are few steps to perform.
1) First step: Build
On menu bar, click on Build menu, then click on Build; the project will be built and any
errors will be displayed on the lower part of the screen.
2) Second Step: Configure the Debug Instruments
Connect a USB cable or an ST-Link between the board and the USB port of the
computer. Note that using the Swim, instead of ST-Link embedded, requires a power
supply device.
See the board datasheet and User Manual for further information.
->DebugInstruments Settings, Select Swim ST-Link, the target Port Selection should be
updated automatically. If not, select Add and select the USB port or let the software
detect the port automatically.
Figure 15.
Debug Instruments Settings dialog box
3) Third Step: Launch the debugger
->Debug-> Start Debugging or press the
button
Once the debugger is launched, the following menu allows to run the application, run it
step by step, by function, etc… and to observe the behavior of the code and the values
taken by the different variables.
Refer to ST Visual Develop Information Manuals for further information about the debugging
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More