전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4013 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 AN4013
상세설명  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 22Page - STMicroelectronics AN4013 Datasheet HTML 23Page - STMicroelectronics AN4013 Datasheet HTML 24Page - STMicroelectronics AN4013 Datasheet HTML 25Page - STMicroelectronics AN4013 Datasheet HTML 26Page - STMicroelectronics AN4013 Datasheet HTML 27Page - STMicroelectronics AN4013 Datasheet HTML 28Page - STMicroelectronics AN4013 Datasheet HTML 29Page - STMicroelectronics AN4013 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Advanced features for motor control
AN4013
26/37
DocID022500 Rev 4
4.2
Combined three-phase PWM mode available for
STM32F30x and STM32F3x8
The combined three-phase mode allows generating one to three center-aligned PWM
signals with a single programmable signal ANDed in the middle of the pulses.
Using the 3-bits GC5C[3:1] in the TIMx_CCR5, each channel of the TIM can be a
combination between the original signal and the OC5Ref signal:
If GC5C1 is set, OC1 output is controlled by TIMx_CCR1 and TIMx_CCR5
If GC5C2 is set, OC1 output is controlled by TIMx_CCR2 and TIMx_CCR5
If GC5C3 is set, OC1 output is controlled by TIMx_CCR3 and TIMx_CCR5
The following figure presents an example of this mode
Figure 5. Combined three-phase PWM
To configure the timer in this mode:
1.
Configure the output pin:
a)
Select the output mode by writing CCS bits in CCMRx register.
b)
Select the polarity by writing the CCxP bit in CCER register.
2.
Configure the used channel (1, 2 or/and 3)in PWM mode
a)
configure the frequency, the duty cycle and the polarity.
b)
Select the PWM 1 or 2.
3.
Configure the Channel 5 in PWM mode with the desired parameter (duty cycle)
4.
Select the Combined PWM mode by programming the GC5Cx bits.
5.
Select the Center aligned mode as counting mode
6.
Enable the capture compare.
7.
Enable the counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com