전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4013 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 AN4013
상세설명  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 29Page - STMicroelectronics AN4013 Datasheet HTML 30Page - STMicroelectronics AN4013 Datasheet HTML 31Page - STMicroelectronics AN4013 Datasheet HTML 32Page - STMicroelectronics AN4013 Datasheet HTML 33Page - STMicroelectronics AN4013 Datasheet HTML 34Page - STMicroelectronics AN4013 Datasheet HTML 35Page - STMicroelectronics AN4013 Datasheet HTML 36Page - STMicroelectronics AN4013 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
DocID022500 Rev 4
35/37
AN4013
Specific applications
36
Configuring the timer to generate a six step signal to control a brush-less 3-
phase DC motor (3-phase BLDC motor):
Time base configuration: prescaler, period, clock source
Channels 1, 2, 3 and 4 configured in PWM mode
Set the capture compare preload control bit CCPC
Enable the commutation interrupt source
Use the system tick to generate time base
Each commutation event, the TIM configuration is updated for the next commutation
event.
For more details on using the timer in this mode, refer to the examples provided in the
STM32xx standard peripheral libraries, in the /Project/STM32xx_StdPeriph_Examples/
TIM/6Steps folder.
Note:
This example is not available for STM32L1 series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37