전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0575 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 UM0575
상세설명  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 3Page - STMicroelectronics UM0575 Datasheet HTML 4Page - STMicroelectronics UM0575 Datasheet HTML 5Page - STMicroelectronics UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics UM0575 Datasheet HTML 10Page - STMicroelectronics UM0575 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
UM0575
Operation principle
7/20
When the PTC conduction time has been sufficient to start the compressor, its voltage
suddenly rises. This voltage rise is sensed by the R3/R4 divisor bridge.
If the level is higher than the DZ1 clamping level, the thyristor, consisting of Q1 and Q2, is
latched. M1 is then turned on.
As M1 is ON, there is no more gate current to trigger T2, so T1 also stays OFF. The PTC is
then turned off.
No more current circulates through the PTC, thus no power is dissipated in it.
Figure 7 shows the typical behavior of this circuit. The C1 capacitor voltage gives an image
of the PTC voltage. When its value reaches the DZ1 clamping level (15 V), the MOS gate is
latched to 15 V. The PTC is then turned off (refer to the IA ACST6 current waveform).
Figure 6.
Voltage spikes at zero current
Figure 7.
PTC turnoff
IA (5A/div)
VAK (20V/div)
IA(5 A/div)
VAK(20 V/div)
AM00902v1
IA(5A/div)
VC2(10V/div)
VC1(10V/div)
AM00903v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com