전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0575 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 UM0575
상세설명  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 데이터시트(HTML) 5 Page - STMicroelectronics

  UM0575 Datasheet HTML 1Page - STMicroelectronics UM0575 Datasheet HTML 2Page - STMicroelectronics UM0575 Datasheet HTML 3Page - STMicroelectronics UM0575 Datasheet HTML 4Page - STMicroelectronics UM0575 Datasheet HTML 5Page - STMicroelectronics UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
UM0575
Operation principle
5/20
1.3
e-STARTER operation mode
1.3.1
Schematics
Figure 5 gives the typical schematics of an "e-STARTER" for a 230 V application. The
demonstration board presented here also features some optional pads to add a snubber
(components R6 and C4) as shown in Appendix A and B. The figure also gives the names of
the main electrical parameters which will be detailed in the following sections.
The traditional PTC resistor has to be connected between the "START" and the "PTC"
solder pads (refer also to Section 3.2).
Note:
The C3 capacitor is not soldered on the breadboards. It can be added if one wants to
evaluate its impact on board immunity.
Figure 3.
PTC operation, no RUN cap.
(compressor OFF time > 10' mains:
198 V RMS)
Figure 4.
PTC operation with RUN
cap.(compressor OFF time < 1'
mains: 264 V RMS)
V PTC(100V/div)
IPTC(10A/div)
V PTC_OFF
V PTC(100V/div)
IPTC(10A/div)
VPTC(100 V/div)
IPTC(10 A/div)
VPTC_OFF
AM00899v1
VPTC(100V/div)
VPTC_OFF
IPTC(10A/div)
AM00900v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com