전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0575 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 UM0575
상세설명  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 데이터시트(HTML) 3 Page - STMicroelectronics

  UM0575 Datasheet HTML 1Page - STMicroelectronics UM0575 Datasheet HTML 2Page - STMicroelectronics UM0575 Datasheet HTML 3Page - STMicroelectronics UM0575 Datasheet HTML 4Page - STMicroelectronics UM0575 Datasheet HTML 5Page - STMicroelectronics UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
UM0575
List of figures
3/20
List of figures
Figure 1.
STEVAL- IHT003V1, e-STARTER demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Compressor starter application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 3.
PTC operation, no RUN cap. (compressor OFF time > 10' mains: 198 V RMS) . . . . . . . . . 5
Figure 4.
PTC operation with RUN cap.(compressor OFF time < 1' mains: 264 V RMS) . . . . . . . . . . 5
Figure 5.
e-STARTER schematics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 6.
Voltage spikes at zero current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 7.
PTC turnoff . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 8.
e-STARTER maximum current versus conduction time . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 9.
Spurious e-STARTER triggering with a 2 kV surge (230 V compressor) . . . . . . . . . . . . . . 10
Figure 10.
e-STARTER voltage limited to 648 V thanks to the RUN capacitor
(2 kV IEC61000-4-5 surge) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 11.
VPTC1 and VPTC2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12.
e-STARTER connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 13.
e-STARTER topside silk screen . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 14.
e-STARTER SMD components layout (bottom view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 15.
e-STARTER copper side (bottom view, dimensions in cm) . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com