전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0575 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 UM0575
상세설명  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 데이터시트(HTML) 4 Page - STMicroelectronics

  UM0575 Datasheet HTML 1Page - STMicroelectronics UM0575 Datasheet HTML 2Page - STMicroelectronics UM0575 Datasheet HTML 3Page - STMicroelectronics UM0575 Datasheet HTML 4Page - STMicroelectronics UM0575 Datasheet HTML 5Page - STMicroelectronics UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Operation principle
UM0575
4/20
1
Operation principle
1.1
Compressor starter application
Single-phase induction motors, used for compressor control, use an auxiliary winding. This
winding permits a higher torque to be applied at startup. The most popular method to control
the start winding is to add a positive temperature coefficient (PTC) resistor in series with this
winding and the thermostat (Figure 2). Then, each time the thermostat is closed, the current
flows through the start winding and begins to heat the PTC. After a few hundreds of
milliseconds, the PTC value rapidly increases from a few W to several tens of kW. This
results in reducing the start winding current to a few tens of mA. This winding can then be
considered as open. The PTC then behaves like a switch in OFF state, but with a high
leakage current, resulting in high power losses (approx. 2.5 W).
Figure 2 gives the typical schematics of this application where a run or a start capacitor can
be connected in parallel (point 1) or in series (point 2) respectively with the PTC.
1.2
Standard PTC behavior
The transition between PTC ON and OFF states brings a voltage increase across this
variable resistor. Figure 3 and Figure 4 show two oscillograms of the same PTC in two
different operating conditions, for a 230 V compressor which can use both a start and run
capacitor. We see that, at the end of the PTC conduction, the voltage across it reaches
approximately 250 V (refer to "VPTC_OFF" indication). This voltage level is similar whatever
the operating conditions are (min or max RMS line voltage, run capacitor or not, etc.). The
PTC could be turned off as soon as this level has been reached. Section 1.3 explains how to
implement an electronic solution to achieve this function.
Figure 2.
Compressor starter application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com