전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0575 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 UM0575
상세설명  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics UM0575 Datasheet HTML 10Page - STMicroelectronics UM0575 Datasheet HTML 11Page - STMicroelectronics UM0575 Datasheet HTML 12Page - STMicroelectronics UM0575 Datasheet HTML 13Page - STMicroelectronics UM0575 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Board performances
UM0575
10/20
mains, as described in the IEC 61000-4-5 standard, when the e-STARTER is off, two cases
can occur:
●
A no-run capacitor is connected across the e-STARTER: the surge voltage is then
entirely held by the ACST6. If the energy is high enough, the leakage current of the
device can exceed its break-over level, leading to a turn-on of the e-STARTER lasting
at worst 10 ms (refer to Figure 9).
●
A run capacitor is used: the surge energy is absorbed by this capacitor. The voltage
level is then limited below 1 kV, which is the typical clamping level of the ACST6. No
spurious turn-on occurs in this case (refer to Figure 10).
It should be noted that in case of a spurious triggering in break-over mode, the ACST6
current is limited by the START winding inductance. The current value is then typically in the
range of 2 A. This is far below the level guaranteed with ACST6, where a 47
Ω load can be
used in such operation mode (refer to the ACST6 datasheet). With a 2 kV surge, the peak
current then equals 40 A in this case.
2.5
Reliability and safety
Reliability tests have been performed with ACST6-7ST samples submitted to a current
shape equivalent to an inrush current of 11 A RMS during 0.5 s. No parameter evolution of
these samples has been detected after 450,000 cycles, which is representative of the
lifetime of a refrigerator. This result demonstrates the excellent capability of these 6 A
products even for applications with high inrush currents.
Concerning safety, the EN6033561 standard imposes the consideration of short-circuit or
diode-mode failures of all silicon power switches involved in safety features. The failure of an
entire e-STARTER cannot lead to safety issues (electrical or mechanical shock, fire). If the
e-STARTER power switch dies in short-circuit or diode-mode, the start winding current is still
limited by the PTC. The start winding is then protected and the compressor still works.
Indeed, the starter function is still ensured by the PTC. The only drawback is that the
standby losses increase back to 2.5 W.
Figure 9.
Spurious e-STARTER triggering
with a 2 kV surge (230 V
compressor)
Figure 10.
e-STARTER voltage limited to 648 V
thanks to the RUN capacitor (2 kV
IEC61000-4-5 surge)
VAK
IA
VAK
IA
AM00905v1
+ 648 V
VAK
VMAINS
IA
+ 648 V
VAK
VMAINS
IA
AM00906v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com