전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD75P4308GS 데이터시트(PDF) 27 Page - NEC

부품명 UPD75P4308GS
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS 데이터시트(HTML) 27 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 23Page - NEC UPD75P4308GS Datasheet HTML 24Page - NEC UPD75P4308GS Datasheet HTML 25Page - NEC UPD75P4308GS Datasheet HTML 26Page - NEC UPD75P4308GS Datasheet HTML 27Page - NEC UPD75P4308GS Datasheet HTML 28Page - NEC UPD75P4308GS Datasheet HTML 29Page - NEC UPD75P4308GS Datasheet HTML 30Page - NEC UPD75P4308GS Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
µPD75P4308
27
Group
Mnemonic
Operand
No. of Machine
Operation
Addressing
Skip condition
bytes cycle
area
Subroutine
PUSH
rp
1
1
(SP – 1) (SP – 2)
← rp, SP ← SP – 2
stack control
BS
2
2
(SP – 1)
← MBS, (SP – 2) ← RBS, SP ← SP – 2
POP
rp
1
1
rp
← (SP + 1) (SP), SP ← SP + 2
BS
2
2
MBS
← (SP + 1), RBS ← (SP), SP ← SP + 2
Interrupt
EI
2
2
IME (IPS.3)
← 1
control
IE
×××
22
IE
××× ← 1
DI
2
2
IME (IPS.3)
← 0
IE
×××
22
IE
××× ← 0
I/O
INNote 1
A, PORTn
2
2
A
← PORTn
(n = 0 - 3, 5 - 8)
XA, PORTn
2
2
XA
← PORTn + 1, PORTn
(n = 6)
OUTNote 1
PORTn, A
2
2
PORTn
← A
(n = 2 - 3, 5 - 8)
PORTn, XA
2
2
PORTn + 1, PORTn
← XA
(n = 6)
CPU control
HALT
2
2
Set HALT Mode(PCC.2
← 1)
STOP
2
2
Set STOP Mode(PCC.3
← 1)
NOP
1
1
No Operation
Special
SEL
RBn
2
2
RBS
← n
(n = 0 - 3)
MBn
2
2
MBS
← n
(n = 0, 15)
GETINote 2, 3
taddr
1
3
• When using TBR instruction
*10
PC12 - 0
← (taddr)4 - 0 + (taddr + 1)
• When using TCALL instruction
(SP – 4) (SP – 1) (SP – 2)
← PC11 - 0
(SP – 3)
← MBE, RBE, 0, PC12
PC12 - 0
← (taddr) 4 - 0 + (taddr + 1)
SP
← SP – 4
• When using instruction other than
Determined by
TBR or TCALL
referenced
Execute (taddr) (taddr + 1) instructions
instruction
1
• When using TBR instruction
*10
PC12 - 0
← (taddr)4 - 0 + (taddr + 1)
4
• When using TCALL instruction
(SP – 5)
← 0, 0, 0, PC12
(SP – 6) (SP – 3) (SP – 4)
← PC11 - 0
(SP – 2)
← ×, ×, MBE, RBE
PC12 - 0
← (taddr)4 - 0 + (taddr + 1)
SP
← SP – 6
3
• When using instruction other than
Determined by
TBR or TCALL
referenced
Execute (taddr) (taddr + 1) instructions
instruction
Notes 1. Before executing the IN or OUT instruction, set MBE to 0 or 1 and set MBS to 15.
2. TBR and TCALL are assembler pseudo-instructions for the GETI instruction’s table definitions.
3. Shaded areas indicate support for the Mk II mode only. Other areas indicate support for the Mk I mode
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60