| 전자부품 데이터시트 검색엔진 |
|
UPD75P4308GS 데이터시트(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75P4308GS 데이터시트(HTML) 8 Page - NEC |
|
8 / 60 page ![]() µPD75P4308 8 External event pulse input to timer/event counter Timer/event counter output Clock output Serial clock I/O Serial data output Serial data bus I/O Serial data input Edge-triggered vectored interrupt input (triggered by both rising and falling edges). 3.2 Non-port Pins Pin name I/O Alternate Function After I/O Circuit function reset typeNote 1 TI0/TI1 Input P13 Input <B>-C PTO0 Output P20 Input E-B PTO1 P21 PCL P22 SCK I/O P01 Input <F>-A SO/SB0 P02 <F>-B SI Input P03 <B>-C INT4 P00 — <B> INT0 Input P10 — <B>-C INT1 P11 INT2 P12 KR0 to KR3 Input P60/D0 to Input <F>-A P63/D3 KR4 to KR7 P70 to P73 X1 Input — —— X2 — RESET Input — — <B> MD0 to MD3 Input P30 to P33 Input E-B D0 to D3 I/O P60/KR0 to Input <F>-A P63/KR3 D4 to D7 P50 to P53 M-E VPPNote 2 —— —— VDD —— —— VSS —— —— Notes 1. Circuit types in brackets indicate Schmitt trigger input. 2. During normal operation, the VPP pin will not operate normally unless connected to VDD pin. Noise elimination circuit appended/ asynchronous selectable Edge-triggered vectored interrupt input (detected edge is selectable). Noise elimination circuit selectable in INT0/P10. Asynchronous Asynchronous Rising edge-triggered test input Falling edge-triggered testable input Ceramic/crystal connection for system clock oscillation. If using an external clock, input it to X1 and input the inverted clock to X2. System reset input Mode selection for program memory (PROM) write/ verify. Data bus pin for program memory (PROM) write/verify. Program supply voltage in program memory (PROM) write/verify mode. In normal operation mode, connect directly to VDD. Apply +12.5 V in PROM write/verify mode. Positive power supply Ground |