전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ10503EXT 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ10503EXT
상세설명  3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ10503EXT 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LMZ10503EXT Datasheet HTML 3Page - Texas Instruments LMZ10503EXT Datasheet HTML 4Page - Texas Instruments LMZ10503EXT Datasheet HTML 5Page - Texas Instruments LMZ10503EXT Datasheet HTML 6Page - Texas Instruments LMZ10503EXT Datasheet HTML 7Page - Texas Instruments LMZ10503EXT Datasheet HTML 8Page - Texas Instruments LMZ10503EXT Datasheet HTML 9Page - Texas Instruments LMZ10503EXT Datasheet HTML 10Page - Texas Instruments LMZ10503EXT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LMZ10503EXT
www.ti.com
SNVS668H – JUNE 2010 – REVISED SEPTEMBER 2015
6.6 Typical Characteristics
Unless otherwise specified, the following conditions apply: VIN = VEN = 5 V, CIN is 47-µF 10-V X5R ceramic capacitor;
TA = 25°C for efficiency curves and waveforms.
VOUT = 3.3 V
VOUT = 2.5 V
Figure 1. Efficiency
Figure 2. Efficiency
VOUT = 1.8 V
VOUT = 1.5 V
Figure 3. Efficiency
Figure 4. Efficiency
VOUT = 0.8 V
VOUT = 1.2 V
Figure 6. Efficiency
Figure 5. Efficiency
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ10503EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com