전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ10503EXT 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ10503EXT
상세설명  3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ10503EXT 데이터시트(HTML) 21 Page - Texas Instruments

Back Button LMZ10503EXT Datasheet HTML 17Page - Texas Instruments LMZ10503EXT Datasheet HTML 18Page - Texas Instruments LMZ10503EXT Datasheet HTML 19Page - Texas Instruments LMZ10503EXT Datasheet HTML 20Page - Texas Instruments LMZ10503EXT Datasheet HTML 21Page - Texas Instruments LMZ10503EXT Datasheet HTML 22Page - Texas Instruments LMZ10503EXT Datasheet HTML 23Page - Texas Instruments LMZ10503EXT Datasheet HTML 24Page - Texas Instruments LMZ10503EXT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
VIN
EN
GND
FB
VIN
VOUT
SS
Cin1
CO1
Rfbt
Rcomp
Ccomp
Rfbb
CSS
U1
VOUT
LMZ10503EXT
Cin2
Cin3
CO2
CO3
Cin4
Cin5
+
Ren1
1
2
3
4, EP
5
6, 7
LMZ10503EXT
www.ti.com
SNVS668H – JUNE 2010 – REVISED SEPTEMBER 2015
8.3.2 Application Schematic for 3.3-V to 5-V Input and 2.5-V Output
The compensation for each solution was optimized to work over the full input range. Many applications have a
fixed input voltage rail. It is possible to modify the compensation to obtain a faster transient response for a given
input voltage operating point.
Figure 27. Schematic for 2.5-V Output Based on 3.3-V to 5-V Input
Table 7. Bill of Materials for Evaluation Board, VIN = 3.3 V to 5 V,
VOUT = 2.5 V, IOUT (MAX) = 3 A
DESIGNATOR
DESCRIPTION
CASE SIZE
MANUFACTURER
MANUFACTURER P/N
QUANTITY
U1
SIMPLE SWITCHER
PFM-7
Texas Instruments
LMZ10503EXTTZ
1
Cin1
1 µF, X7R, 16 V
0805
TDK
C2012X7R1C105K
1
Cin2, CO1
4.7 µF, X5R, 6.3 V
0805
TDK
C2012X5R0J475K
2
Cin3, CO2
22 µF, X5R, 16 V
1210
TDK
C3225X5R1C226M
2
Cin4
47 µF, X5R, 6.3 V
1210
TDK
C3225X5R0J476M
1
Cin5
220 µF, 10 V, AL-Elec
E
Panasonic
EEE1AA221AP
1
CO3
100 µF, X5R, 6.3 V
1812
TDK
C4532X5R0J107M
1
Rfbt
75 k
Ω
0805
Vishay Dale
CRCW080575K0FKEA
1
Rfbb
34.8 k
Ω
0805
Vishay Dale
CRCW080534K8FKEA
1
Rcomp
1.1 k
Ω
0805
Vishay Dale
CRCW08051K10FKEA
1
Ccomp
180 pF, ±5%, C0G, 50 V
0603
TDK
C1608C0G1H181J
1
Ren1
100 k
Ω
0805
Vishay Dale
CRCW0805100KFKEA
1
CSS
10 nF, ±5%, C0G, 50 V
0805
TDK
C2012C0G1H103J
1
Table 8. Output Voltage Setting (Rfbt = 75 kΩ)
VOUT
Rfbb
3.3V
23.7 k
Ω
2.5 V
34.8 k
Ω
1.8 V
59 k
Ω
1.5 V
84.5 k
Ω
1.2 V
150 k
Ω
0.9 V
590 k
Ω
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMZ10503EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com