전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ10503EXT 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ10503EXT
상세설명  3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ10503EXT 데이터시트(HTML) 13 Page - Texas Instruments

Back Button LMZ10503EXT Datasheet HTML 9Page - Texas Instruments LMZ10503EXT Datasheet HTML 10Page - Texas Instruments LMZ10503EXT Datasheet HTML 11Page - Texas Instruments LMZ10503EXT Datasheet HTML 12Page - Texas Instruments LMZ10503EXT Datasheet HTML 13Page - Texas Instruments LMZ10503EXT Datasheet HTML 14Page - Texas Instruments LMZ10503EXT Datasheet HTML 15Page - Texas Instruments LMZ10503EXT Datasheet HTML 16Page - Texas Instruments LMZ10503EXT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TIME
SIMULTANEOUS STARTUP
VOUT2
EN
VOUT1
OUT
OUT1
V
0.8
V
2 <
´
trkb
trkt
OUT
V
R
R
V
V
2
0.8
0.8
=
´
-
LMZ10503EXT
www.ti.com
SNVS668H – JUNE 2010 – REVISED SEPTEMBER 2015
Feature Description (continued)
7.3.7 Tracking - Equal Slew Rates
Alternatively, the tracking feature can be used to have similar output voltage ramp rates. This is referred to as
simultaneous start-up. In this case, the tracking resistors can be determined based on Equation 5:
(5)
and to ensure proper overdrive of the SS pin:
(6)
For the example case of VOUT1 = 5 V and VOUT2 = 2.5 V, with Rtrkt set to 33 kΩ as before, Rtrkb is calculated from
Equation 5 to be 15.5 k
Ω. Figure 20 shows an example of tracking using equal slew rates.
Figure 20. Timing Diagram for Tracking Using Equal Slew Rates
7.3.8 Current Limit
When a current greater than the output current limit (IOCL) is sensed, the ON-time is immediately terminated and
the low-side MOSFET is activated. The low-side MOSFET stays on for the entire next four switching cycles.
During these skipped pulses, the voltage on the soft-start pin is reduced by discharging the soft-start capacitor by
a current sink on the soft-start pin of nominally 14 µA. Subsequent overcurrent events will drain more and more
charge from the soft-start capacitor, effectively decreasing the reference voltage as the output droops due to the
pulse skipping. Reactivation of the soft-start circuitry ensures that when the overcurrent situation is removed, the
part will resume normal operation smoothly.
7.3.9 Overtemperature Protection
When the LMZ10503EXT senses a junction temperature greater than 145°C (typical), both switching MOSFETs
are turned off and the part enters a standby state. Upon sensing a junction temperature below 135°C (typical),
the part will re-initiate the soft-start sequence and begin switching once again.
7.4 Device Functional Modes
7.4.1 Prebias Start-Up Capability
At start-up, the LMZ10503EXT is in a prebiased state when the output voltage is greater than zero. This often
occurs in many multi-rail applications such as when powering an ASIC, FPGA, or DSP. The output can be
prebiased in these applications through parasitic conduction paths from one supply rail to another. Even though
the LMZ10503EXT is a synchronous converter, it will not pull the output low when a prebias condition exists. The
LMZ10503EXT will not sink current during start-up until the soft-start voltage exceeds the voltage on the FB pin.
Because the device does not sink current it protects the load from damage that might otherwise occur if current
is conducted through the parasitic paths of the load.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMZ10503EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com