전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ10503EXT 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ10503EXT
상세설명  3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ10503EXT 데이터시트(HTML) 3 Page - Texas Instruments

  LMZ10503EXT Datasheet HTML 1Page - Texas Instruments LMZ10503EXT Datasheet HTML 2Page - Texas Instruments LMZ10503EXT Datasheet HTML 3Page - Texas Instruments LMZ10503EXT Datasheet HTML 4Page - Texas Instruments LMZ10503EXT Datasheet HTML 5Page - Texas Instruments LMZ10503EXT Datasheet HTML 6Page - Texas Instruments LMZ10503EXT Datasheet HTML 7Page - Texas Instruments LMZ10503EXT Datasheet HTML 8Page - Texas Instruments LMZ10503EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Exposed Pad
Connect to GND
5
FB
6
VOUT
3
SS
1
VIN
2
EN
4
GND
7
VOUT
LMZ10503EXT
www.ti.com
SNVS668H – JUNE 2010 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
NDW Package
7-Lead TO-PMOD
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
EN
2
Analog
Active-high enable input for the device.
Exposed pad thermal connection. Connect this pad to the PCB ground plane in order to
Exposed Pad
—
Ground
reduce thermal resistance value. It also provides an electrical connection to the input and
output capacitors ground terminals.
Feedback pin. This is the inverting input of the error amplifier used for sensing the output
FB
5
Analog
voltage.
Power ground and signal ground. Connect the bottom feedback resistor between this pin and
GND
4
Ground
the feedback pin.
Soft-start control pin. An internal 2-µA current source charges and external capacitor
SS
3
Analog
connected between this pin and GND (pin 4) to set the output voltage ramp rate during start-
up. This pin can also be used to configure the tracking feature.
A low-ESR input capacitance should be located as close as possible to VIN pin and GND
VIN
1
Power
pin.
This is the output of the internal inductor. Connect an external resistor voltage divider from
VOUT
6, 7
Power
VOUT to FB to ground.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ10503EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com