전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ10503EXT 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ10503EXT
상세설명  3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ10503EXT 데이터시트(HTML) 2 Page - Texas Instruments

  LMZ10503EXT Datasheet HTML 1Page - Texas Instruments LMZ10503EXT Datasheet HTML 2Page - Texas Instruments LMZ10503EXT Datasheet HTML 3Page - Texas Instruments LMZ10503EXT Datasheet HTML 4Page - Texas Instruments LMZ10503EXT Datasheet HTML 5Page - Texas Instruments LMZ10503EXT Datasheet HTML 6Page - Texas Instruments LMZ10503EXT Datasheet HTML 7Page - Texas Instruments LMZ10503EXT Datasheet HTML 8Page - Texas Instruments LMZ10503EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LMZ10503EXT
SNVS668H – JUNE 2010 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.1
Application Information............................................ 14
1
Features .................................................................. 1
8.2
Typical Application .................................................. 14
2
Applications ........................................................... 1
8.3
System Examples ................................................... 20
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 23
4
Revision History..................................................... 2
10
Layout................................................................... 23
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 23
6
Specifications......................................................... 4
10.2
Layout Examples................................................... 24
6.1
Absolute Maximum Ratings ..................................... 4
10.3
Estimate Power Dissipation and Thermal
6.2
ESD Ratings.............................................................. 4
Considerations ......................................................... 27
6.3
Recommended Operating Conditions ....................... 4
10.4
Power Module SMT Guidelines ............................ 28
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 29
6.5
Electrical Characteristics........................................... 5
11.1
Device Support...................................................... 29
6.6
Typical Characteristics .............................................. 7
11.2
Documentation Support ........................................ 29
7
Detailed Description ............................................ 10
11.3
Community Resources.......................................... 29
7.1
Overview ................................................................. 10
11.4
Trademarks ........................................................... 29
7.2
Functional Block Diagram ....................................... 10
11.5
Electrostatic Discharge Caution ............................ 29
7.3
Feature Description................................................. 10
11.6
Glossary ................................................................ 29
7.4
Device Functional Modes........................................ 13
12
Mechanical, Packaging, and Orderable
8
Application and Implementation ........................ 14
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (October 2013) to Revision H
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision F (April 2013) to Revision G
Page
•
Deleted 10 mils ....................................................................................................................................................................... 4
•
Changed 10 mils................................................................................................................................................................... 23
•
Changed 10 mils................................................................................................................................................................... 27
•
Added Power Module SMT Guidelines................................................................................................................................. 28
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ10503EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com