전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ENA2290 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 ENA2290
상세설명  3-phase Brushless DC Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2290 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button ENA2290 Datasheet HTML 4Page - ON Semiconductor ENA2290 Datasheet HTML 5Page - ON Semiconductor ENA2290 Datasheet HTML 6Page - ON Semiconductor ENA2290 Datasheet HTML 7Page - ON Semiconductor ENA2290 Datasheet HTML 8Page - ON Semiconductor ENA2290 Datasheet HTML 9Page - ON Semiconductor ENA2290 Datasheet HTML 10Page - ON Semiconductor ENA2290 Datasheet HTML 11Page - ON Semiconductor ENA2290 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
STK984-090A-E
NoA2290-8/20
Application Circuit
NOTE
1. A voltage overshoot with vibration will be occurred during a switching operation due to floating inductance of the
power source wiring connected between terminal +B1 and PG. In order that the voltage overshoot between +B1 and
PG, +B1 and each –UBW, each UVW and PG will not exceed its rating, please minimize wiring inductance by
shortening the wiring, also connect a snubber circuit close to between +B1 and PG terminals.
2. With the object of the over current protection circuit fail-safe design, inserting a fuse in +B1 line is recommended.
3. There is a 100k
 (Typ) pull-down resister connected inside of the signal input terminal. However, in the case of
mounting a resister externally to reduce noise due to wiring, please satisfy the input voltage threshold of this
Hybrid-IC.
4. Terminal DIAG 1 and DIAG 2 are the open drain output configuration. Please pull up with 4.7k
 resister to 5V
power supply.
5. There is a 100k
 (Typ) pull-up resister connected inside of the RESET terminal. It operates normally in the open-
state. When the short-circuit protection operates and latches the output OFF, the latched output OFF can be released
by making RESET terminal Low and re-opened.
M
U: 12, 13
V: 14, 15
W: 16, 17
DIAG1: 10
DIAG2: 11
4.7k
4.7k
5V(DC)
RESET: 3
S1: 22
S2: 23
+B1: 20, 21
PG: 18, 19
+
+B2: 1
+
SG: 2
8 to 18V(DC)
UT: 4
VT: 5
WT: 6
UB: 7
VB: 8
WB: 9
STK984-090A-E
2.2
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com