전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ENA2290 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 ENA2290
상세설명  3-phase Brushless DC Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2290 데이터시트(HTML) 3 Page - ON Semiconductor

  ENA2290 Datasheet HTML 1Page - ON Semiconductor ENA2290 Datasheet HTML 2Page - ON Semiconductor ENA2290 Datasheet HTML 3Page - ON Semiconductor ENA2290 Datasheet HTML 4Page - ON Semiconductor ENA2290 Datasheet HTML 5Page - ON Semiconductor ENA2290 Datasheet HTML 6Page - ON Semiconductor ENA2290 Datasheet HTML 7Page - ON Semiconductor ENA2290 Datasheet HTML 8Page - ON Semiconductor ENA2290 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
STK984-090A-E
NoA2290-3/20
Protective Function
at Ta=25
C, V+B1(V+B2)=13.5V unless otherwise specified
Parameter
Symbol
Test Conditions
Ratings
Unit
min.
typ.
max.
Low Voltage Protection Threshold
Vuv
-
4.45
4.75
5.1
V
Low Voltage Protection Hysteresis
Vuv(hy)
-
0.07
0.2
0.3
V
Low Voltage Shutdown Output Delay
Tuvoff
-
-
1.0
-
s
Over Current Threshold
ISD
Automatic Recovery
21
34
44
A
Over Current DIAG
Output Delay Time
Tocdgoff
-
-
4.3
-
s
Over Current Shutdown Interval
tint
-
-
1
-
ms
Over Current Shutdown Output Delay
Tocoff
-
-
4.3
-
s
Ground Fault Short-Circuit Protection
IOC
Power-Cycle
47
84
113
A
Ground Fault Short-Circuit Detection
DIAG
Output Delay Time
Tspdgoff
-
-
3.0
-
ms
Ground Fault Short-Circuit Shutdown
Output Delay Time
Tspoff
-
-
3.0
-
ms
Temperature Protection Shutdown
Tst
Thick Film IC Substrate Temperature, Automatic
Restoration
146
155
165
C
Temperature Protection Recovery
Tst(hy)
Thick Film IC Substrate Temperature
126
135
145
C
Over Temperature DIAG Output
Delay Time
Tthdgoff
-
-
3.4
-
s
Over Temperature Shutdown Output
Delay
Tthoff
-
-
3.4
-
s
Over Voltage Threshold
Vov
-
24
-
-
V
Over Voltage Protection Hysteresis
Width
Vov(hy)
-
-
0.5
-
V
Over Voltage Shutdown Output Delay
Tovoff
-
-
1.0
-
s
DIAG Output
at Open Drain Output
Parameter
Symbol
Conditions
Ratings
Unit
min.
typ.
max.
DIAG Output Voltage
(DIAG1, DIAG2)
VDIAG
Output Lo/DIAG Terminal Current =1mA
-
-
0.2
V
DIAG Output Leakage Current
(DIAG1, DIAG2)
IDILK
VDIAG=5V
-
-
1
A
DIAG Output Function
Parameter
Symbol
Test Conditions
Detection Time
Non Detection Time
Over Current Detector
DIAG1
5V Pull-up Open Drain
Hi
Lo
Over Temperature Protection
Detector
DIAG2
5V Pull-up Open Drain
Hi
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com