전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ENA2290 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 ENA2290
상세설명  3-phase Brushless DC Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2290 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button ENA2290 Datasheet HTML 6Page - ON Semiconductor ENA2290 Datasheet HTML 7Page - ON Semiconductor ENA2290 Datasheet HTML 8Page - ON Semiconductor ENA2290 Datasheet HTML 9Page - ON Semiconductor ENA2290 Datasheet HTML 10Page - ON Semiconductor ENA2290 Datasheet HTML 11Page - ON Semiconductor ENA2290 Datasheet HTML 12Page - ON Semiconductor ENA2290 Datasheet HTML 13Page - ON Semiconductor ENA2290 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
STK984-090A-E
NoA2290-10/20
2. Reset Circuit
This circuit performs to release the latch when the Short-circuit Protection is activated and output is latched off. It will
be a normal operation at the RESET=H or in the open-state, and at RESET=L, the gate output will be Lo-state (Output
OFF) for both upper and lower phase.
Reset Circuit Timing Chart
DIAG Hi Delay
Time
Output OFF Delay Time
Output ON
Delay Time
0.25msec
5V
5V
0V
0V
5V
2μsec
3μsec
1μsec
The Reset Time
DIAG Lo Delay Time
Pulse Width : over 20μsec
UT
UB
U Lower-phase VDS
0V
RESET
0V
DIAG1(Latch State)
0V
5V
DIAG1(Steady State)
Charge pump
Voltage
+B1 + 12V
+B1 + 4V (typ)
Operating
+B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com