전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ENA2290 데이터시트(PDF) 18 Page - ON Semiconductor

부품명 ENA2290
상세설명  3-phase Brushless DC Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2290 데이터시트(HTML) 18 Page - ON Semiconductor

Back Button ENA2290 Datasheet HTML 12Page - ON Semiconductor ENA2290 Datasheet HTML 13Page - ON Semiconductor ENA2290 Datasheet HTML 14Page - ON Semiconductor ENA2290 Datasheet HTML 15Page - ON Semiconductor ENA2290 Datasheet HTML 16Page - ON Semiconductor ENA2290 Datasheet HTML 17Page - ON Semiconductor ENA2290 Datasheet HTML 18Page - ON Semiconductor ENA2290 Datasheet HTML 19Page - ON Semiconductor ENA2290 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
STK984-090A-E
NoA2290-18/20
Method of Fixation of Hybrid-IC
Mount on a Heat Sink
Item
Recommended Condition
Pitch
55.7±0.1mm (Please refer to Package Outline Diagram)
Screw
diameter : M3
Bind machine screw, Truss machine screw, Pan machine screw
Washer
Plane washer
The size is D:7mm, d:3.2mm and t:0.5mm (Fig.2) JIS B 1256
Heat sink
Material : copper or Aluminum
Warpage (the surface that contacts H-IC) :
50 to 100 μm
Screw holes must be countersunk.
No contamination on the heat sink surface that contacts H-IC.
Torque
Final tightening : 0.6 to 0.9Nm
Temporary tightening : 20 to 30 % of final tightening
Grease
Silicon grease
Thickness : 100 to 200 μm
Uniformly apply silicon grease to whole back. (Fig.3)
D 
d 
t 
Fig 2 : size of washer 
About procedure for mount HIC on a Heat Sink 
1st  : Temporarily tighten maintaining a left/right balance. 
2nd : Finally tighten maintaining a left/right balance. 
      * Make 2nd the same as 1st.  
(example : 1st  → ,  2nd  → )
Fig 3 : About uniformly application 
HIC
+
 
screw 
washer 
grease 
Fig 1 : mount HIC on a Heat Sink 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com