전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F746NG 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 STM32F746NG
상세설명  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746NG 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button STM32F746NG Datasheet HTML 53Page - STMicroelectronics STM32F746NG Datasheet HTML 54Page - STMicroelectronics STM32F746NG Datasheet HTML 55Page - STMicroelectronics STM32F746NG Datasheet HTML 56Page - STMicroelectronics STM32F746NG Datasheet HTML 57Page - STMicroelectronics STM32F746NG Datasheet HTML 58Page - STMicroelectronics STM32F746NG Datasheet HTML 59Page - STMicroelectronics STM32F746NG Datasheet HTML 60Page - STMicroelectronics STM32F746NG Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 227 page
background image
DocID027590 Rev 4
57/227
STM32F745xx STM32F746xx
Pinouts and pin description
88
18
F3
J9
29
M5
35
38
L4
PC3
I/O FT (4)
SPI2_MOSI/I2S2_SD,
OTG_HS_ULPI_NXT,
ETH_MII_TX_CLK,
FMC_SDCKE0,
EVENTOUT
ADC123_IN1
3
-
-
G7
30
G3
36
39
J5
VDD
S
-
-
-
-
-
-
-
-
-
-
-
J6
VSS
S
-
-
-
-
19
G1
K10
31
M1
37
40
M1
VSSA
S
-
-
-
-
-
-
-
-
N1
-
-
N1
VREF-
S
-
-
-
-
20
-
L11
32
P1
38
41
P1
VREF+
S
-
-
-
-
21
H1
L10
33
R1
39
42
R1
VDDA
S
-
-
-
-
22
G2
K9
34
N3
40
43
N3
PA0-
WKUP(P
A0)
I/O FT (5)
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
USART2_CTS,
UART4_TX, SAI2_SD_B,
ETH_MII_CRS,
EVENTOUT
ADC123_IN0,
WKUP1(4)
23
H2
K8
35
N2
41
44
N2
PA1
I/O FT (4)
TIM2_CH2, TIM5_CH2,
USART2_RTS,
UART4_RX,
QUADSPI_BK1_IO3,
SAI2_MCK_B,
ETH_MII_RX_CLK/ETH_
RMII_REF_CLK,
LCD_R2, EVENTOUT
ADC123_IN1
24
J2
L9
36
P2
42
45
P2
PA2
I/O FT (4)
TIM2_CH3, TIM5_CH3,
TIM9_CH1, USART2_TX,
SAI2_SCK_B,
ETH_MDIO, LCD_R1,
EVENTOUT
ADC123_IN2,
WKUP2
-
-
-
-
F4
43
46
K4
PH2
I/O FT
LPTIM1_IN2,
QUADSPI_BK2_IO0,
SAI2_SCK_B,
ETH_MII_CRS,
FMC_SDCKE0, LCD_R0,
EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More