전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F746NG 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 STM32F746NG
상세설명  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746NG 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button STM32F746NG Datasheet HTML 58Page - STMicroelectronics STM32F746NG Datasheet HTML 59Page - STMicroelectronics STM32F746NG Datasheet HTML 60Page - STMicroelectronics STM32F746NG Datasheet HTML 61Page - STMicroelectronics STM32F746NG Datasheet HTML 62Page - STMicroelectronics STM32F746NG Datasheet HTML 63Page - STMicroelectronics STM32F746NG Datasheet HTML 64Page - STMicroelectronics STM32F746NG Datasheet HTML 65Page - STMicroelectronics STM32F746NG Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 227 page
background image
Pinouts and pin description
STM32F745xx STM32F746xx
62/227
DocID027590 Rev 4
--
-
-
N12
84
97
N13
PH7
I/O FT
-
I2C3_SCL, SPI5_MISO,
ETH_MII_RXD3,
FMC_SDCKE1,
DCMI_D9, EVENTOUT
-
--
-
-
M12 85
98
P14
PH8
I/O FT
-
I2C3_SDA, FMC_D16,
DCMI_HSYNC, LCD_R2,
EVENTOUT
-
--
-
-
M13 86
99
N14
PH9
I/O FT
-
I2C3_SMBA,
TIM12_CH2, FMC_D17,
DCMI_D0, LCD_R3,
EVENTOUT
-
-
-
-
-
L13
87
100 P15
PH10
I/O FT
-
TIM5_CH1, I2C4_SMBA,
FMC_D18, DCMI_D1,
LCD_R4, EVENTOUT
-
-
-
-
-
L12
88
101 N15
PH11
I/O FT
-
TIM5_CH2, I2C4_SCL,
FMC_D19, DCMI_D2,
LCD_R5, EVENTOUT
-
-
-
-
-
K12
89
102 M15
PH12
I/O FT
-
TIM5_CH3, I2C4_SDA,
FMC_D20, DCMI_D3,
LCD_R6, EVENTOUT
-
-
-
-
-
H12
90
-
K10
VSS
S
-
-
-
-
-
-
-
-
J12
91
103 K11
VDD
S
-
-
-
-
51
K8
M2
73
P12
92
104 L13
PB12
I/O FT
-
TIM1_BKIN, I2C2_SMBA,
SPI2_NSS/I2S2_WS,
USART3_CK, CAN2_RX,
OTG_HS_ULPI_D5,
ETH_MII_TXD0/ETH_RM
II_TXD0, OTG_HS_ID,
EVENTOUT
-
52
J8
N1
74
P13
93
105 K14
PB13
I/O FT
-
TIM1_CH1N,
SPI2_SCK/I2S2_CK,
USART3_CTS,
CAN2_TX,
OTG_HS_ULPI_D6,
ETH_MII_TXD1/ETH_RM
II_TXD1, EVENTOUT
OTG_HS_VB
US
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More