전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F746NG 데이터시트(PDF) 70 Page - STMicroelectronics

부품명 STM32F746NG
상세설명  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746NG 데이터시트(HTML) 70 Page - STMicroelectronics

Back Button STM32F746NG Datasheet HTML 66Page - STMicroelectronics STM32F746NG Datasheet HTML 67Page - STMicroelectronics STM32F746NG Datasheet HTML 68Page - STMicroelectronics STM32F746NG Datasheet HTML 69Page - STMicroelectronics STM32F746NG Datasheet HTML 70Page - STMicroelectronics STM32F746NG Datasheet HTML 71Page - STMicroelectronics STM32F746NG Datasheet HTML 72Page - STMicroelectronics STM32F746NG Datasheet HTML 73Page - STMicroelectronics STM32F746NG Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 227 page
background image
Pinouts and pin description
STM32F745xx STM32F746xx
70/227
DocID027590 Rev 4
-
-
-
-
-
-
186
D8
PK3
I/O FT
-
LCD_B4, EVENTOUT
-
-
-
-
-
-
-
187
D7
PK4
I/O FT
-
LCD_B5, EVENTOUT
-
-
-
-
-
-
-
188
C6
PK5
I/O FT
-
LCD_B6, EVENTOUT
-
-
-
-
-
-
-
189
C5
PK6
I/O FT
-
LCD_B7, EVENTOUT
-
-
-
-
-
-
-
190
C4
PK7
I/O FT
-
LCD_DE, EVENTOUT
-
-
-
A7
132
B7
160 191
B7
PG15
I/O FT
-
USART6_CTS,
FMC_SDNCAS,
DCMI_D13, EVENTOUT
-
89
A7
B7
133 A10 161 192 A10
PB3(JTD
O/TRAC
ESWO)
I/O FT
-
JTDO/TRACESWO,
TIM2_CH2,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
EVENTOUT
-
90
A6
C7
134
A9
162 193
A9
PB4(NJT
RST)
I/O FT
-
NJTRST, TIM3_CH1,
SPI1_MISO, SPI3_MISO,
SPI2_NSS/I2S2_WS,
EVENTOUT
-
91
C5
C8
135
A6
163 194
A8
PB5
I/O FT
-
TIM3_CH2, I2C1_SMBA,
SPI1_MOSI/I2S1_SD,
SPI3_MOSI/I2S3_SD,
CAN2_RX,
OTG_HS_ULPI_D7,
ETH_PPS_OUT,
FMC_SDCKE1,
DCMI_D10, EVENTOUT
-
92
B5
A8
136
B6
164 195
B6
PB6
I/O FT
-
TIM4_CH1, HDMI-CEC,
I2C1_SCL, USART1_TX,
CAN2_TX,
QUADSPI_BK1_NCS,
FMC_SDNE1, DCMI_D5,
EVENTOUT
-
93
A5
B8
137
B5
165 196
B5
PB7
I/O FT
-
TIM4_CH2, I2C1_SDA,
USART1_RX, FMC_NL,
DCMI_VSYNC,
EVENTOUT
-
94
D5
C9
138
D6
166 197
E6
BOOT
I
B
-
-
VPP
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More