전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F746NG 데이터시트(PDF) 61 Page - STMicroelectronics

부품명 STM32F746NG
상세설명  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746NG 데이터시트(HTML) 61 Page - STMicroelectronics

Back Button STM32F746NG Datasheet HTML 57Page - STMicroelectronics STM32F746NG Datasheet HTML 58Page - STMicroelectronics STM32F746NG Datasheet HTML 59Page - STMicroelectronics STM32F746NG Datasheet HTML 60Page - STMicroelectronics STM32F746NG Datasheet HTML 61Page - STMicroelectronics STM32F746NG Datasheet HTML 62Page - STMicroelectronics STM32F746NG Datasheet HTML 63Page - STMicroelectronics STM32F746NG Datasheet HTML 64Page - STMicroelectronics STM32F746NG Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 227 page
background image
DocID027590 Rev 4
61/227
STM32F745xx STM32F746xx
Pinouts and pin description
88
41
H6
K4
64
P10
74
85
P10
PE11
I/O FT
-
TIM1_CH2, SPI4_NSS,
SAI2_SD_B, FMC_D8,
LCD_G3, EVENTOUT
-
42
J6
L4
65
R10
75
86
R10
PE12
I/O FT
-
TIM1_CH3N, SPI4_SCK,
SAI2_SCK_B, FMC_D9,
LCD_B4, EVENTOUT
-
43
K6
N4
66
N11
76
87
R12
PE13
I/O FT
-
TIM1_CH3, SPI4_MISO,
SAI2_FS_B, FMC_D10,
LCD_DE, EVENTOUT
-
44
G7
M4
67
P11
77
88
P11
PE14
I/O FT
-
TIM1_CH4, SPI4_MOSI,
SAI2_MCK_B, FMC_D11,
LCD_CLK, EVENTOUT
-
45
H7
L3
68
R11
78
89
R11
PE15
I/O FT
-
TIM1_BKIN, FMC_D12,
LCD_R7, EVENTOUT
-
46
J7
M3
69
R12
79
90
P12
PB10
I/O FT
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
USART3_TX,
OTG_HS_ULPI_D3,
ETH_MII_RX_ER,
LCD_G4, EVENTOUT
-
47
K7
N3
70
R13
80
91
R13
PB11
I/O FT
-
TIM2_CH4, I2C2_SDA,
USART3_RX,
OTG_HS_ULPI_D4,
ETH_MII_TX_EN/ETH_R
MII_TX_EN, LCD_G5,
EVENTOUT
-
48
F8
N2
71 M10 81
92
L11
VCAP_1
S
-
-
-
-
49
-
H2
-
-
-
93
K9
VSS
S
-
-
-
-
50
-
J6
72
N10
82
94
L10
VDD
S
-
-
-
-
-
-
-
-
-
-
95 M14
PJ5
I/O FT
-
LCD_R6, EVENTOUT
-
--
-
-
M11 83
96
P13
PH6
I/O FT
-
I2C2_SMBA, SPI5_SCK,
TIM12_CH1,
ETH_MII_RXD2,
FMC_SDNE1, DCMI_D8,
EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More