전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VX6854LC 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 VX6854LC
상세설명  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 49Page - STMicroelectronics VX6854LC Datasheet HTML 50Page - STMicroelectronics VX6854LC Datasheet HTML 51Page - STMicroelectronics VX6854LC Datasheet HTML 52Page - STMicroelectronics VX6854LC Datasheet HTML 53Page - STMicroelectronics VX6854LC Datasheet HTML 54Page - STMicroelectronics VX6854LC Datasheet HTML 55Page - STMicroelectronics VX6854LC Datasheet HTML 56Page - STMicroelectronics VX6854LC Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
DocID027110 Rev 2
53/114
VX6854LC
Video data interface
69
Figure 12. VX6854LC CCP frame format
Figure 13. VX6854LC CSI-2 frame format
Embedded data lines
The embedded data lines provide a mechanism to embed non-image data such as sensor
configuration details and image statistics values with a frame of data.
VX6854LC has two embedded data lines at the start of the frame.
Dummy columns
The VX6854LC has 0 dummy columns.
Visible pixel data
The visible pixels contain valid image data.The correct integration time and analogue gain
for the visible pixels is specified in the embedded data lines at the start of the frame. The
number of visible pixels can be varied.
Interframe padding
Bayer pixel data
FE
FS
Embedded data lines
Frame Start code
Frame End code
Ba y e r
P i x e l
Da t a
FS
FE
E m b e dde d
d a t a
L i ne
B l ank i n g
Fr a m e
Bl a n k i n g
F r am e
E n d
P a c k et
F r am e
S t a r t P a c k e t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More