전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB9B360R 데이터시트(PDF) 9 Page - Cypress Semiconductor

부품명 MB9B360R
상세설명  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R 데이터시트(HTML) 9 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 5Page - Cypress Semiconductor MB9B360R Datasheet HTML 6Page - Cypress Semiconductor MB9B360R Datasheet HTML 7Page - Cypress Semiconductor MB9B360R Datasheet HTML 8Page - Cypress Semiconductor MB9B360R Datasheet HTML 9Page - Cypress Semiconductor MB9B360R Datasheet HTML 10Page - Cypress Semiconductor MB9B360R Datasheet HTML 11Page - Cypress Semiconductor MB9B360R Datasheet HTML 12Page - Cypress Semiconductor MB9B360R Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 9 of 166
MB9B360R Series
3. Pin Assignment
FPT-80P-M37/M40
(TOP VIEW)
Note:
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins,
there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to
select the pin.
VCC
1
60
VSS
P50/CTS4_0/AIN0_2/RTO10_0/INT00_0/MADATA00_0
2
59
P21/AN17/SIN0_0/INT06_1
P51/RTS4_0/BIN0_2/RTO11_0/INT01_0/MADATA01_0
3
58
P22/CROUT_0/AN16/TIOB7_1/SOT0_0
P52/SCK4_0/ZIN0_2/RTO12_0/MADATA02_0
4
57
P23/AN15/TIOA7_1/SCK0_0/RTO00_1
P53/TIOA1_2/SOT4_0/RTO13_0/MADATA03_0
5
56
P1B/AN11/SCK4_1/IC02_1/MAD18_0
P54/TIOB1_2/SIN4_0/RTO14_0/INT02_0/MADATA04_0
6
55
P1A/AN10/SOT4_1/IC01_1/MAD17_0
P55/ADTG_1/SIN6_0/RTO15_0/INT07_2/MADATA05_0
7
54
P19/AN09/SIN4_1/IC00_1/INT05_1/MAD16_0
P56/SOT6_0/DTTI1X_0/INT08_2/MADATA06_0
8
53
P18/AN08/SCK2_2/MAD15_0
P30/TIOB0_1/RTS4_2/INT15_2/WKUP1/MADATA07_0
9
52
AVRH
P31/TIOB1_1/SIN3_1/INT09_2/MADATA08_0
10
51
AVRL
P32/TIOB2_1/SOT3_1/INT10_1/MADATA09_0
11
50
AVSS
P33/ADTG_6/TIOB3_1/SCK3_1/INT04_0/MADATA10_0
12
49
AVCC
P39/ADTG_2/DTTI0X_0/RTCCO_2/SUBOUT_2
13
48
P17/AN07/SOT2_2/WKUP3/MAD14_0
P3A/TIOA0_1/AIN0_0/RTO00_0
14
47
P16/AN06/SIN2_2/INT14_1/MAD13_0
P3B/TIOA1_1/BIN0_0/RTO01_0
15
46
P15/AN05/SCK0_1/MAD12_0
P3C/TIOA2_1/ZIN0_0/RTO02_0
16
45
P14/AN04/SOT0_1/IC03_2/MAD11_0
P3D/TIOA3_1/RTO03_0/MAD00_0
17
44
P13/AN03/SIN0_1/IC02_2/INT03_1/MAD10_0
P3E/TIOA4_1/RTO04_0/MAD01_0
18
43
P12/AN02/SCK1_1/IC01_2/RTCCO_1/SUBOUT_1/MAD09_0
P3F/TIOA5_1/RTO05_0/MAD02_0
19
42
P11/AN01/SOT1_1/IC00_2/MAD08_0
VSS
20
41
P10/AN00/SIN1_1/FRCK0_2/INT02_1/MAD07_0
LQFP - 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More