| 전자부품 데이터시트 검색엔진 |
|
MB9B360R 데이터시트(PDF) 10 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B360R 데이터시트(HTML) 10 Page - Cypress Semiconductor |
|
10 / 166 page ![]() Document Number: 002-04872 Rev.*A Page 10 of 166 MB9B360R Series FPT-100P-M23 (TOP VIEW) Note: The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. VCC 1 75 VSS P50/CTS4_0/AIN0_2/RTO10_0/INT00_0/MADATA00_0 2 74 P20/AN18/AIN1_1/INT05_0/MAD24_0 P51/RTS4_0/BIN0_2/RTO11_0/INT01_0/MADATA01_0 3 73 P21/AN17/SIN0_0/BIN1_1/INT06_1/MAD23_0 P52/SCK4_0/ZIN0_2/RTO12_0/MADATA02_0 4 72 P22/CROUT_0/AN16/TIOB7_1/SOT0_0/ZIN1_1 P53/TIOA1_2/SOT4_0/RTO13_0/MADATA03_0 5 71 P23/AN15/TIOA7_1/SCK0_0/RTO00_1/MAD22_0 P54/TIOB1_2/SIN4_0/RTO14_0/INT02_0/MADATA04_0 6 70 P1E/AN14/ADTG_5/FRCK0_1/MAD21_0 P55/ADTG_1/SIN6_0/RTO15_0/INT07_2/MADATA05_0 7 69 P1D/AN13/RTS4_1/DTTI0X_1/MAD20_0 P56/SOT6_0/DTTI1X_0/INT08_2/MADATA06_0 8 68 P1C/AN12/CTS4_1/IC03_1/MAD19_0 P30/TIOB0_1/RTS4_2/INT15_2/WKUP1/MADATA07_0 9 67 P1B/AN11/SCK4_1/IC02_1/MAD18_0 P31/TIOB1_1/SIN3_1/INT09_2/MADATA08_0 10 66 P1A/AN10/SOT4_1/IC01_1/MAD17_0 P32/TIOB2_1/SOT3_1/INT10_1/MADATA09_0 11 65 P19/AN09/SIN4_1/IC00_1/INT05_1/MAD16_0 P33/ADTG_6/TIOB3_1/SCK3_1/INT04_0/MADATA10_0 12 64 P18/AN08/SCK2_2/MAD15_0 P34/TIOB4_1/FRCK0_0/MADATA11_0 13 63 AVRH P35/TIOB5_1/IC03_0/INT08_1/MADATA12_0 14 62 AVRL P36/SIN5_2/IC02_0/INT09_1/MADATA13_0 15 61 AVSS P37/SOT5_2/IC01_0/INT05_2/MADATA14_0 16 60 AVCC P38/SCK5_2/IC00_0/INT06_2/MADATA15_0 17 59 P17/AN07/SOT2_2/WKUP3/MAD14_0 P39/ADTG_2/DTTI0X_0/RTCCO_2/SUBOUT_2/MSDCLK_0 18 58 P16/AN06/SIN2_2/INT14_1/MAD13_0 P3A/TIOA0_1/AIN0_0/RTO00_0/MSDCKE_0 19 57 P15/AN05/SCK0_1/MAD12_0 P3B/TIOA1_1/BIN0_0/RTO01_0/MRASX_0 20 56 P14/AN04/SOT0_1/IC03_2/MAD11_0 P3C/TIOA2_1/ZIN0_0/RTO02_0/MCASX_0 21 55 P13/AN03/SIN0_1/IC02_2/INT03_1/MAD10_0 P3D/TIOA3_1/RTO03_0/MAD00_0 22 54 P12/AN02/SCK1_1/IC01_2/RTCCO_1/SUBOUT_1/MAD09_0 P3E/TIOA4_1/RTO04_0/MAD01_0 23 53 P11/AN01/SOT1_1/IC00_2/MAD08_0 P3F/TIOA5_1/RTO05_0/MAD02_0 24 52 P10/AN00/SIN1_1/FRCK0_2/INT02_1/MAD07_0 VSS 25 51 VCC LQFP - 100 |