| 전자부품 데이터시트 검색엔진 |
|
PCF8833U/2DA 데이터시트(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833U/2DA 데이터시트(HTML) 43 Page - NXP Semiconductors |
|
43 / 112 page ![]() 2003 Feb 14 43 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 6.2.27 MEMORY DATA ACCESS CONTROL The display data RAM access conditions can be defined by using the Memory data access control (MADCTL) command. The used single control bits together with their reset states are given in Table 41. Table 40 Memory data access control register bits Note 1. Refer to Section 6.2.24.4 for an explanation of LAO on scroll modes and to Section 6.2.23 for an explanation of LAO on Partial mode. Table 41 Explanation of the memory data access control bits The relationship between RAM and display for the MX, MY, RGB and LAO control bits is illustrated Fig.22. Combinations of MX, MY and V are described in more detail in Section 7.2. D/C 76543210 DEFAULT 000110110 36H 1 MY MX V LAO(1) RGB X X X 00H BIT LOGIC 0 (RESET STATE) LOGIC 1 MY no mirror Y mirror Y MX no mirror X mirror X V RAM write in X direction vertical RAM write; in Y direction LAO line address order (top to bottom) line address order (bottom to top) RGB RGB BGR handbook, full pagewidth MGU931 D7 = 1 D7 = 0 131 0 1 2 0 1 2 0 1 2 0 1 2 131 D6 = 0 D6 = 1 131 012 column address RAM 0,0 0 1 2 131 D3 = 1:BGR D3 = 0:RGB column drivers D4 = 1 D4 = 0 131 131 DISPLAY interface Fig.22 Display data RAM access control. |