| 전자부품 데이터시트 검색엔진 |
|
PCF8833U/2DA 데이터시트(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833U/2DA 데이터시트(HTML) 47 Page - NXP Semiconductors |
|
47 / 112 page ![]() 2003 Feb 14 47 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 6.2.32 BOTTOM ROW SWAP The Bottom Row Swap (BRS) command enables the bottom rows of the PCF8833 to be swapped (mirrored) in order to make an optimum glass layout. The function of the BRS command in combination with the function of the Top Row Swap (TRS) is illustrated in Figures 25, 26, 27 and 28. A description of the TRS function is given in Section 6.2.33. The reset state of the BRS command is defined in Table 49. Table 48 Bottom row swap register bits Table 49 Bottom row swap reset state 6.2.33 TOP ROW SWAP The Top Row Swap (TRS) command enables the top rows of the PCF8833 to be swapped (mirrored) in order to make an optimum glass layout. The function of the TRS command in combination with BRS is illustrated in Figures 25, 26, 27 and 28. The description of BRS function can be found in Section 6.2.32. The reset state of the TRS command is given in Table 51. Table 50 Top row swap register bits Table 51 Top row swap reset state D/C 76543210 DEFAULT 01011010 BRS B4H BIT LOGIC 0 (RESET STATE) LOGIC 1 BRS bottom rows are not mirrored bottom rows are mirrored D/C D7D6D5D4D3D2D1D0 DEFAULT 01011011 TRS B6H BIT LOGIC 0 (RESET STATE) LOGIC 1 TRS top rows are not mirrored top rows are mirrored |