전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML7396AE 데이터시트(PDF) 95 Page - LAPIS Semiconductor Co., Ltd.

부품명 ML7396AE
상세설명  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPIS [LAPIS Semiconductor Co., Ltd.]
홈페이지  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE 데이터시트(HTML) 95 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
95/140
START
TX FIFO trigger level setting
If the TX data length is shorter than the
FAST_TX trigger level, TX will start by
writing all data to a FIFO.
[TX_ALARM_LH:B0 0x35] =0x00
[TX_ALARM_HL:B0 0x36] =0x00
Write TX data to FIFO
[WR_TX_FIFO:B0 0x7E]
From CCA flowchart
No
TX_ON iisue
[RF_STATUS:B0 0x6C]
TX completed (INT[16]/INT[17])?
[INT_SOURCE_GRP3:B0 0x26]
Clear interrupts
[INT_SOURCE_GRP3:B0 0x26]
INT[16],[22] or INT[17],[23]
RX_ON issue
[RF_STATUS:B0 0x6C]
Go to RX flowchart
RF state transition completion int?
[INT_SOURCE_GRP2:B0 0x25]
INT[10]
CCA execution?
Go to CCA flowchart
If random back-off period specified in
the IEEE, go to CCA normal mode.
If IDLE is detected in minimum period,
go to CCA IDLE detection mode.
CCA result=BUSY?
No
TX data request accept completion int?
[INT_SOURCE_GRP3:B0 0x26]
Yes
Yes
AUTO_RX_EN =0b1?
[AUTO_ACK_SET:B0 0x55(6)]
and
Send ACK request packet?
Go to RX flowchart
Yes
No
No
Yes
CCA continue?
Clear TX data request
[INTSOURCE_GRP3:B0 0x6C]
or [PD_DATA_REQ:B0 0x28]
TRX_OFF iisue
[RF_STATUS:B0 0x6C]
No
END
Yes
Write TX data to FIFO
[WR_TX_FIFO:B0 0x7E]
Yes
No
Yes
Next packet TX?
No
Yes
No
RX?
TRX_OFF issue
[RF_STATUS:B0 0x6C]
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More