| 전자부품 데이터시트 검색엔진 |
|
ML7396AE 데이터시트(PDF) 62 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7396AE 데이터시트(HTML) 62 Page - LAPIS Semiconductor Co., Ltd. |
|
62 / 140 page ![]() FEDL7396A/B/E-07 ML7396A/B/E 62/140 ●Interrupt generation function ML7396 family supports intterupt generation function. When interrupt occurs, SINTN pin (#10) will become “Low” to notify interrupt to the host MCU. Interrupt elements are divided into 4groups, [INT_SOURCE_GRP1:B0 0x24] to [INT_SOURCE_GRP4:B0 0x27]. Each interrupt elements can be masked by using [INT_EN_GRP1:B0 0x2A] to [INT_EN_GRP4] registers. Note: If one of unmask interrupt event occurs, SINTN maintains “Low”. Interrupt events table Each interrupt events is described as belo table. Group Name Function: INT[25] PLL unlock interrupt INT_SOURCE_GRP4 INT[24] Auto_Ack ready interrupt INT[23] FIFO1 TX data request accept completion interrupt INT[22] FIFO0 TX data request accept completion interrupt INT[21] FIFO1 CRC error interrupt INT[20] FIFO0 CRC error interrupt INT[19] FIFO1 RX completion interrupt INT[18] FIFO0 RX completion interrupt INT[17] FIFO1 TX completion interrupt INT_SOURCE_GRP3 INT[16] FIFO0 TX completion interrupt INT[15] TX FIFO access error interrupt INT[14] RX FIFO access error interrupt INT[13] TX Length error interrupt INT[12] RX Length error interrupt INT[11] SFD detection interrupt INT[10] RF state transition completion interrupt INT[09] Diversity search completion interrupt INT_SOURCE_GRP2 INT[08] CCA completion interrupt - no function - no function INT[05] FIFO_Full interrupt INT[04] FOFO_Empty interrupy INT[03] Packet discard competion interrupt INT[02] VCO calbration completion interrupt INT[01] Reserved INT_SOURCE_GRP1 INT[00] Clock stabilization completion interrupt |