전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML7396AE 데이터시트(PDF) 53 Page - LAPIS Semiconductor Co., Ltd.

부품명 ML7396AE
상세설명  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPIS [LAPIS Semiconductor Co., Ltd.]
홈페이지  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE 데이터시트(HTML) 53 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
53/140
CCA operation during diversity
(1) CCA operation during diversity search
During diversity search, If CCA command is issued, diversity terminated and CCA starts.
Upon CCA starting, antenna is fixed to the default value (*1), maintaining until next diversity search. However, if
TX_ANT_EN ([2DIV_RSLT:B0 0x72(5)])=0b1 is set, antenna is specified by TX_ANT ([2DIV_RSLT:B0 0x72(4)]) and
maintaining until next diversity search.
After CCA completion, if SFD is not detected during diversity search time specified by SEARCH_TIME[6:0]
([2DIV_SEARCH:B0 0x6F(6-0)]) (default approx. 330μs), diversity search will be executed again. If SFD is detected
during CCA or after CCA completion, continuing RECEIVE state and diversity search is not executed.
* 1 : Please refer the each table of “Antenna switching function” in “Diversity Function”.
(Upper setting in the "RX" state column)
After CCA completion, if SFD
is not detected during diversity
search time, diversity search is
executed again.
Maintaining the antenna
during diversity search
time. (default: 330μs)
When TX_ANT_EN=0b1,
the antenna is switched to the
specified by TX_ANT.
When TX_ANT_EN=0b0 ,
If SFD is detected, maintaining
RECEIVE state.
the antenna is initialized to
ANT1.
[Note]
When executing CCA during diversity search, set the waiting taimer for waiting for CAA completion interrupt (INT[08]
group2). Since CCA executing timing is same as the diversity search completion, CCA completion interrupt may not be
notified. When timeout occurs, the latest result is stored into CCA_RSLT[1:0] ([CCA_CNTRL:B0 0x15(1-0)]). In this
case, if executing CCA again, set CCA_LOOP_STOP ([CCA_CNTRL:B0 0x15(6)])=0b1 before issuing CCA command.
For waiting timer setting, please refer to the CCA execution time described in "Normal mode".
For details of the CCA execution flow during diversity search, please refer to "CCA operation during diversity" in the
“Flow Charts”.
During CCA operarion, RX operation is performed at the same time. Even if CCA_DONE is not notified, SFD detection
interrupt (INT[11] group2), RX FIFO access error interruption (INT[14] group2), FIFO-Full interrupt (INT[05] group1),
FIFO0/1 RX completion interrupt (INT[18]/[19] group3), or FIFO0/1 CRC error interrupt (INT[20]/[21] group3) may be
notified.
For details of the diversity function, please refer to "Diversity Function".
ANT_SW
CCA_EN
Diversity search
CCA
CCA_DONE
Diversity search



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More