| 전자부품 데이터시트 검색엔진 |
|
ML7396AE 데이터시트(PDF) 41 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7396AE 데이터시트(HTML) 41 Page - LAPIS Semiconductor Co., Ltd. |
|
41 / 140 page ![]() FEDL7396A/B/E-07 ML7396A/B/E 41/140 Antenna switching control signals can be also used as below. Example 1) using one DPDT switch Please set 2PORT_SW([2DIV_CTRL: B0 0x71(1)])=0b1. ML7396A_B_E (Note) altenate external PA control signal exists (DCNT pin). (Note) external circuits around LNA_P pin, PA_OUT pin and antenna switch (DPDT#1) are omitted in this example. Example 2) using 2 SPDT switches Please set 2PORT_SW([2DIV_CTRL: B0 0x71(1)])=0b0. (Note) altenate external PA control signal exsits. (DCNT pin) (Note) external circuits around LNA_P pin, PA_OUTpin and antenna switch(SPDT#2) are omitted in this example. DPDT#1 LNA_P pin (#30) PA_OUT pin (#27) TRX_SW pin (#20) ANT_SW pin (#21) DCNT pin (#22) ML7396A_B_E SPDT#2 SPDT#1 LNA_P pin (#30) PA_OUT pin (#27) TRX_SW pin (#20) ANT_SW pin (#21) DCNT pin (#22) |