전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML7396AE 데이터시트(PDF) 29 Page - LAPIS Semiconductor Co., Ltd.

부품명 ML7396AE
상세설명  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPIS [LAPIS Semiconductor Co., Ltd.]
홈페이지  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE 데이터시트(HTML) 29 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
29/140
TX FIFO usage notification function
This function is to notice un-transmitted data in TX_FIFO (FIFO usage) to the MCU using SINTN (interrupt) pin (#10)
and/or DMON pin (#17). If un-transmitted data in TX_FIFO (FIFO usage) exceeds the full level threshold set by
[TX_ALARM_LH:B0 0x35] register, SINTN pin will become “L” (FIFO-Full interrupt) and/or DMON pin will become “H”.
And if the TX_FIFO usage is equal to or less than the empty threshold level set by [TX_ALARM_HL:B0 0x36] register,
SINTN will become “L” (FIFO-Empty interrupt) and/or DMON pin will become ”L”.
If re-generating the FIFO-Full interrupr (INT[05], group1), after clearing the interrupt, once the TX_FIFO usage should be
equal or less than the empty level. If re-generating the FIFO-Empty interrupt (INT[04], group1), after clearing the interrupt,
one the TX_FIFO usage excceds the full level threshold.
TX empty level
(address=0x0F)
TX full level
(address=0x3E)
0x00
0xFF
DMON pin will be
“H” when written
data exceeds TX
full level.
DMON pin will be
“L” when TX data
usage is smaller
than TX empty
level.
[TX FIFO usage]
Time
TX full level
TX empty level
DMON signal
TX data amount
TX_FIFO usage transition
SINTN signal
0x0F
0x3E
[Note]
1.
At default setting, DMON pin is configured as CLKOUT output. If using DMON pin as this function, CLKOUT_EN
([CLK_SET:B0 0x02(4)]) =0b0 and FIFO_TRG_EN ([CRC_AREA/FIFO_TRG:B0 0x77(0)])=0b1 are required.
2.
Each threshold should set as [TX_ALARM_LH:B0 0x35] (full level) > [TX_ALARM_HL:B0 0x36] (empty level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More