전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP3918A1T-E/ML 데이터시트(PDF) 22 Page - Microchip Technology

부품명 MCP3918A1T-E/ML
상세설명  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/ML 데이터시트(HTML) 22 Page - Microchip Technology

Back Button MCP3918A1T-E/ML Datasheet HTML 18Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 19Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 20Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 21Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 22Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 23Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 24Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 25Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
MCP3918
DS20005287A-page 22
 2014 Microchip Technology Inc.
3.13
Chip Select/ Boost Logic Input
(CS/BOOST)
In SPI mode, this pin is the SPI chip select that enables
serial communication. When this pin is logic high, no
communication can take place. A chip select falling
edge initiates serial communication, and a chip select
rising edge terminates the communication. No
communication can take place even when CS is logic
low, if RESET is also logic low.
This input is Schmitt-triggered.
In the 2-Wire Interface mode, this is the Boost logic
select pin. See Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for Boost. The pin
state is latched when the mode changes to 2-Wire
Interface mode, and is re-latched at each watchdog
timer reset.
3.14
Serial Data Clock/
Master Clock Input (SCK/MCLK)
In SPI mode, this is the serial clock pin for SPI
communication. Data is clocked into the device on the
rising edge of SCK. Data is clocked out of the device on
the falling edge of SCK.
The MCP3918 SPI interface is compatible with SPI 0,0
and 1,1 modes. SPI modes can be changed during a
CS high time.
The maximum clock speed specified is 20 MHz. SCK
and MCLK are two different and asynchronous clocks;
SCK is only required when a communication happens,
while MCLK is continuously required when the part is
converting analog inputs.
This input is Schmitt-triggered.
In the 2-Wire Interface mode, this pin is defining the
master clock of the device (MCLK) and the serial clock
(SCK) for the interface simultaneously. In this mode,
the clock has to be provided continuously to ensure
proper operation. See Section 7.0 “2-Wire Serial
Interface Description”
for more information and
timing diagrams of the 2-Wire interface protocol.
3.15
Serial Data Output (SDO)
This is the SPI data output pin. Data is clocked out of
the device on the falling edge of SCK.
This pin remains in a high-impedance state during the
command byte. It also stays high-impedance during the
entire communication for Write commands and when
the CS pin is logic high or when the RESET pin is logic
low. This pin is active only when a Read command is
processed. The interface is half-duplex (inputs and
outputs do not happen at the same time).
In the 2-Wire Interface Mode, this pin is the only digital
output pin, and sends synchronous frames at each
data ready with data bits clocked out on the falling edge
of SCK.
3.16
Serial Data/OSR1 Logic Input
(SDI/OSR1)
In SPI mode, this is the SPI data input pin. Data is
clocked into the device on the rising edge of SCK.
When CS is logic low, this pin is used to communicate
with 8-bit commands followed by data bytes that can be
16-/24- or 32-bit wide. The interface is half-duplex
(inputs and outputs do not happen at the same time).
Each communication starts with a chip select falling
edge followed by an 8-bit command word, entered
through the SDI pin. Each command is either a Read or
a Write command. Toggling SDI during a Read
command has no effect.
This input is Schmitt-triggered.
In 2-Wire Interface mode, this is the OSR1 logic select
pin. See Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for OSR0 and
OSR1. The pin state is latched when the mode
changes to 2-Wire Interface Mode, and is relatched at
each watchdog timer reset.
3.17
Exposed Pad (EP)
Exposed Thermal Pad. This pin must be connected to
AGND for optimal accuracy and thermal performance.
This pad can also be left floating if necessary.
Connecting it to AGND is preferable for the lowest noise
performance and best thermal behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88