| 전자부품 데이터시트 검색엔진 |
|
MCP3918A1T-E/ML 데이터시트(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3918A1T-E/ML 데이터시트(HTML) 71 Page - Microchip Technology |
|
71 / 88 page ![]() 2014 Microchip Technology Inc. DS20005287A-page 71 MCP3918 9.5 STATUSCOM Register - Status and Communication Register Name Bits Address Cof. STATUSCOM 24 0x0C R/W REGISTER 9-5: STATUSCOM REGISTER R/W-1 R/W-0 R/W-1 R/W-0 U-0 R/W-0 R/W-0 R/W-1 READ<1> READ<0> WRITE DR_HIZ — WIDTH_ CRC WIDTH_ DATA<1> WIDTH_ DATA<0> bit 23 bit 16 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 U-0 U-0 U-0 EN_CRCCOM EN_INT Reserved Reserved EN_MDAT — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 R-1 R-1 — — — — — — — DRSTATUS<0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 23-22 READ<1:0>: Address counter increment setting for Read Communication 11 = Address counter auto-increments, loops on the entire register map 10 = Address counter auto-increments, loops on register TYPES (DEFAULT) 01 = Address counter auto-increments, loops on register GROUPS 00 = Address not incremented, continually reads the same single-register address bit 21 WRITE: Address counter increment setting for Write Communication 1 = Address counter loops on writable part of the register map (Default) 0 = Address not incremented, continually writes to the same single-register address bit 20 DR_HIZ: Data Ready Pin Inactive State Control 1 =The DR pin state is a logic high when data is NOT ready 0 =The DR pin state is high-impedance when data is NOT ready (Default) bit 19 Unimplemented: Read as ‘0’ bit 18 WIDTH_CRC Format for CRC-16 on communications 1 = 32-bit (CRC-16 code is followed by sixteen zeros). This coding is compatible with CRC implementation in most 32-bit MCUs (including PIC32 MCUs). 0 = 16-bit (default) bit 17-16 WIDTH_DATA<1:0>: ADC Data Format Settings for the ADC (see Section 5.5 “ADC Output Coding”) 11 = 32-bit with sign extension 10 = 32-bit with zeros padding 01 = 24-bit (default) 00 = 16-bit (with rounding) bit 15 EN_CRCCOM: Enable CRC CRC-16 Checksum on Serial communications 1 = CRC-16 Checksum is provided at the end of each communication sequence (therefore each communication is longer). The CRC-16 Message is the complete communication sequence (see section Section 6.9 “Securing Read Communications through CRC-16 Checksum” for more details). 0 =Disabled (Default) |