| 전자부품 데이터시트 검색엔진 |
|
STLUX385ATR 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLUX385ATR 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 126 page ![]() DocID027870 Rev 1 11/126 STLUX STLUX family features list 126 2 STLUX family features list The devices of the STLUX family provide the following features: Table 2. STLUX features list Feature list Device STLUX385A STLUX383A STLUX325A STLUX285A Package TSSOP38 TSSOP38 VFQFPN32 TSSOP28 Pin count 38 38 32 28 SMED numbers 6 6 6 6 SMED PWM output pins 6 6 5 4 Fast digital inputs pins 6 6 5(1) 3(2) Positive comparator input pin 4 4 4 2(3) Negative comparator input pins 1 1 1 1(3) DALI peripheral Yes Yes Yes Yes Internal DACs 4 4 4 4 ADC input pins 8 8 6 8 ADC gain x1 - x4 x1 x1 x1 GPIO Port 0 pins 6 6 4 4 UART peripheral Yes Yes Yes Yes I2C peripheral Yes Yes Yes Yes HSE function Yes Yes Yes Yes Timers System timer 1 1 1 1 Auxiliary timer 1 1 1 1 Auto-wakeup timer 1 1 1 1 Watchdog Window watchdog timer 1 1 1 1 Independent watchdog timer 1 1 1 1 Flash program memory 32 Kbytes 32 Kbytes 32 Kbytes 32 Kbytes EEPROM data memory 1 Kbytes 1 Kbytes 1 Kbytes 1 Kbytes RAM (bytes) 2 Kbytes 2 Kbytes 2 Kbytes 2Kbytes SWIM pin Dedicated Dedicated Mixed Dedicated 1. DIGIN2 - DIGIN3 are connected to the same pin. 2. DIGIN0-DIGIN1 are connected on the same pin; DIGIN2-DIGIN3 are connected to the same pin; DIGIN4 - DIGIN5 are connected to the same pin. 3. CPP0, CPP1 and CPM3 are connected on the same pin; CPP2 and CPP3 are connected to the same pin. |