전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLUX385ATR 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STLUX385ATR
상세설명  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 14Page - STMicroelectronics STLUX385ATR Datasheet HTML 15Page - STMicroelectronics STLUX385ATR Datasheet HTML 16Page - STMicroelectronics STLUX385ATR Datasheet HTML 17Page - STMicroelectronics STLUX385ATR Datasheet HTML 18Page - STMicroelectronics STLUX385ATR Datasheet HTML 19Page - STMicroelectronics STLUX385ATR Datasheet HTML 20Page - STMicroelectronics STLUX385ATR Datasheet HTML 21Page - STMicroelectronics STLUX385ATR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 126 page
background image
Product overview
STLUX
18/126
DocID027870 Rev 1
Figure 5. STLUX285A SMED subsystem overview
Connection matrix interconnection
Every SMED unit has three input selection lines, one for each In_Sig input, configurable via
the MSC_CBOXS (5:0) register. The selection lines choose the interconnection between
one of possible four connection matrix signals for each SMED input event In_Sig (Y).
Table 3 shows the layout of the connection matrix interconnection signals as implemented in
the STLUX family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More