전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCS1002-1 데이터시트(PDF) 51 Page - Microchip Technology

부품명 UCS1002-1
상세설명  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 데이터시트(HTML) 51 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 47Page - Microchip Technology UCS1002-1 Datasheet HTML 48Page - Microchip Technology UCS1002-1 Datasheet HTML 49Page - Microchip Technology UCS1002-1 Datasheet HTML 50Page - Microchip Technology UCS1002-1 Datasheet HTML 51Page - Microchip Technology UCS1002-1 Datasheet HTML 52Page - Microchip Technology UCS1002-1 Datasheet HTML 53Page - Microchip Technology UCS1002-1 Datasheet HTML 54Page - Microchip Technology UCS1002-1 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
51
Revision 1.4 (07-16-13)
DATASHEET
Figure 7.2 shows operation of current limits while using CC mode. Unlike trip mode, once IBUS current
exceeds ILIM, operation continues at a reduced voltage and increased current. Note that the shaded
area representing the USB 2.0 specified VBUS range is now restricted to an upper current limit of
IBUS_R2MIN. Note that the UCS1002 will heat up along each load line as voltage decreases. If the
internal temperature exceeds the TREG or TTSD thresholds, the port power switch will open. Also note
that when the VBUS voltage is brought low enough (below VBUS_MIN), the port power switch will open.
7.3
Thermal Management and Voltage Protection
7.3.1
Thermal Management
The UCS1002 utilizes two-stage internal thermal management. The first is named dynamic thermal
management and the second is a fixed thermal shutdown.
Figure 7.2 Constant Current Limiting (Variable Slope) Operation
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
5.25
4.75
0
0
0.9
1.2
1.2
1.0
0.9
0.5
1.5
IBUS_R2MIN
1.8
1.8
2.0
2.5
IBUS (Amps)
ILIM (Amps)
= ILIM’s
Constant
resistance IBUS
operation line 1
(ILIM = 0.5 A)
Constant resistance
IBUS operation line 5
(ILIM = 1.5 A*)
CC Mode - Power switch current increases as
voltage decreases when ILIM is exceeded
following constant resistance lines
*1.5 A limit reduced by -3.5% internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com