전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCS1002-1 데이터시트(PDF) 66 Page - Microchip Technology

부품명 UCS1002-1
상세설명  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 데이터시트(HTML) 66 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 62Page - Microchip Technology UCS1002-1 Datasheet HTML 63Page - Microchip Technology UCS1002-1 Datasheet HTML 64Page - Microchip Technology UCS1002-1 Datasheet HTML 65Page - Microchip Technology UCS1002-1 Datasheet HTML 66Page - Microchip Technology UCS1002-1 Datasheet HTML 67Page - Microchip Technology UCS1002-1 Datasheet HTML 68Page - Microchip Technology UCS1002-1 Datasheet HTML 69Page - Microchip Technology UCS1002-1 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
66
SMSC UCS1002
DATASHEET
9.11.3
Legacy 1, 3, 4, and 6 Charger Emulation Profiles
Legacy 1, 3, 4, and 6 charger emulation profiles follow the same pattern of operation although the
voltage that is applied on the DPOUT and DMOUT pins will vary. They do the following:
1. The UCS1002 will apply a voltage on the DPOUT pin using either a current-limited voltage source
or a voltage divider between VBUS and ground with the center tap on the DPOUT pin.
2. The UCS1002 will apply a possibly different voltage on the DMOUT pin using either a current-
limited voltage source or a voltage divider between VBUS and ground with the center tap on the
DMOUT pin.
3. VBUS voltage is applied.
4. If the portable device draws more than IBUS_CHG current when the tEM_TIMEOUT timer expires, the
UCS1002 will accept that the currently applied profile is the correct charger emulation profile for
the attached portable device. Charging commences. The voltages applied to the DPOUT and
DMOUT pins will remain in place (unless LEAVE_EMU_RESP is set to 0b). The UCS1002 will
begin operating in trip mode or CC mode as determined by the IBUS_R2MIN setting (see Section
10.14, "Current Limiting Behavior Configuration Registers").
5. If the portable device does not draw more than IBUS_CHG current when tEM_TIMEOUT timer expires,
the UCS1002 will stop the currently applied charger emulation profile. This will cause all voltages
put onto the DPOUT and DMOUT pins to be removed. Emulation reset occurs, and the UCS1002
will initiate the next charger emulation profile.
9.11.4
Legacy 5 Charger Emulation Profile
Legacy 5 charger emulation profile does the following:
1. The UCS1002 will apply 900 mV to both the DPOUT and the DMOUT pins.
2. VBUS voltage is applied.
3. If the portable device draws more than IBUS_CHG current when the tEM_TIMEOUT timer expires, the
UCS1002 will accept that the currently applied profile is the correct charger emulation profile for
the attached portable device. Charging commences. The voltages applied to the DPOUT and
DMOUT pins will remain in place (unless LEAVE_EMU_RESP is set to 0b). The UCS1002 will
begin operating in trip mode or CC mode as determined by the IBUS_R2MIN setting (see Section
10.14, "Current Limiting Behavior Configuration Registers").
4. If the portable device does not draw more than IBUS_CHG current when tEM_TIMEOUT timer expires,
the UCS1002 will stop the currently applied charger emulation profile. This will cause all voltages
put onto the DPOUT and DMOUT pins to be removed. Emulation reset occurs, and the UCS1002
will initiate the next charger emulation profile.
9.11.5
Legacy 7 Charger Emulation Profile
The Legacy 7 charger emulation profile does the following:
1. The UCS1002 will apply a voltage on the DPOUT pin using a voltage divider between VBUS and
ground with the center tap on the DPOUT pin.
2. VBUS voltage is applied.
3. If the portable device draws more than IBUS_CHG current when the tEM_TIMEOUT timer expires, the
UCS1002 will accept that Legacy 7 is the correct charger emulation profile for the attached portable
device. Charging commences. The voltage applied to the DPOUT pin will remain in place (unless
LEAVE_EMU_RESP is set to 0b). The UCS1002 will begin operating in trip mode or CC mode as
determined by the IBUS_R2MIN setting (see Section 10.14, "Current Limiting Behavior Configuration
Registers").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com